Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1VA2R2NR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEE1VA2R2NR
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1VA2R2NR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEE1VA2R2NR Datasheet HTML 1Page - Panasonic Semiconductor EEE1VA2R2NR Datasheet HTML 2Page - Panasonic Semiconductor EEE1VA2R2NR Datasheet HTML 3Page - Panasonic Semiconductor EEE1VA2R2NR Datasheet HTML 4Page - Panasonic Semiconductor EEE1VA2R2NR Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-9 –
Negative polarity marking (–)
(No marking for the bi-polar)
33
4S
Capacitance (
µF)
Rated voltage Mark (V.DC)
(6=6.3 V.DC)
Series indentification
(S) or (A)
(A size=Lot number)
Mark for Lead-Free
Products
Black Dot (Square)
Lot number
(No marking=A size)
A
±0.2
W
() Reference size
L
+
0.3 max.
Pressure Relief (
φ10 and larger)
Features
● Endurance: 85 °C 2000 h
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant
Surface Mount Type
Series:
S
Type:
V
Specifications
Dimensions in mm (not to scale)
Marking
Example:4V 33 µF (Polarized)
Marking color: BLACK
Category Temp. Range–40 °C to +85 °C
Rated W.V. Range
4 V.DC to 100 V.DC
Nominal Cap. Range
0.1 µF to 1500 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) (Bi-Polar I < 0.02 CV or 6 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
4
6.3
10
16
25
35
50
63
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
743222233
Z(–40 °C)/Z(+20 °C)
15
86443344
Endurance
After applying rated working voltage for 2000 hours (Bi-polar:1000 hours for each polarity) at +85 °C
±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits.
Capacitance change
±20 % of inisial measured value
Size code
Rated W.V.
Cap. change
A(
φ3)
4 W.V to 50 W.V
1000 hours ±30 %
B(
φ4) to D, D8(φ6.3)
4 W.V
< D(φ6.3) Miniature
6.3 W.V
> 10 W.V
1000 hours ±20 %
tan
δ
< 200 % initial specified value
DC leakege current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Size
code
DL
A, B
H
I
W
P
K
A
3.0
5.4 - 0.2
3.3
4.5 max.
1.5
0.55±0.1
0.6
0.35 - 0.20
B
4.0
5.4 - 0.2
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.4 - 0.2
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.4 - 0.2
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 - 0.20
F
8.0
10.2±0.3
8.3 10.0 max.
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0
10.2±0.3
10.3 12.0 max.
3.5
0.90±0.2
4.6
0.70±0.20
+ 0.1
+ 0.1
+ 0.1
+ 0.1
+ 0.15
+ 0.15
+ 0.15
+ 0.15
+ 0.15
+ 0.15
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
Frequency correction factor for ripple current
(Unit : mm)
00 Nov. 2012


Similar Part No. - EEE1VA2R2NR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1VA2R2NR PANASONIC-EEE1VA2R2NR Datasheet
277Kb / 5P
   Surface Mount Type
EEE1VA2R2NR PANASONIC-EEE1VA2R2NR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA2R2NR PANASONIC-EEE1VA2R2NR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA2R2NR PANASONIC-EEE1VA2R2NR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
List of Unclassifed Man...
EEE1VA2R2NR ETC2-EEE1VA2R2NR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1VA2R2NR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com