Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE2AA330P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEE2AA330P
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE2AA330P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEE2AA330P Datasheet HTML 1Page - Panasonic Semiconductor EEE2AA330P Datasheet HTML 2Page - Panasonic Semiconductor EEE2AA330P Datasheet HTML 3Page - Panasonic Semiconductor EEE2AA330P Datasheet HTML 4Page - Panasonic Semiconductor EEE2AA330P Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-11 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
25
4.7
35.4
A
12
0.16
1000
EEE1ES4R7SR
✽✽
(1)
2000
45.4
B
22
0.14
2000
EEE1EA4R7SR
(1)
2000
10
45.4
(B)
220.201000
EEE1EA100WR
(1)
2000
55.4
C
28
0.14
2000
EEE1EA100SR
(1)
1000
22
55.4
(C)
350.201000
EEE1EA220WR
(1)
1000
6.3
5.4
D
550.142000
EEE1EA220SP
(1)
1000
33
55.4
(C)
420.201000
EEE1EA330WR
(1)
1000
6.3
5.4
D
650.142000
EEE1EA330SP
(1)
1000
47
6.3
5.4
(D)70
0.201000
EEE1EA470WP
(1)
1000
100
6.3
7.7
D8
1430.142000
EEE1EA101XP
(1)
900
86.2
(E)
910.162000
EEE1EA101UP
(2)
1000
810.2
F
1800.162000
EEE1EA101P
(2)
500
220
810.2
(F)
2300.162000
EEE1EA221UP
(2)
500
10.0
10.2
G
310
0.16
2000
EEE1EA221P
(2)
500
330
810.2
(F)
2700.162000
EEE1EA331UP
(2)
500
10
10.2
G
340
0.16
2000
EEE1EA331P
(2)
500
470
10
10.2
G
380
0.16
2000
EEE1EA471P
(2)
500
35
2.2
3
5.4
A
8
0.14
1000
EEE1VS2R2SR
✽✽
(1)
2000
3.3
3
5.4
A
100.141000
EEE1VS3R3SR
✽✽
(1)
2000
4.7
4
5.4
B
220.122000
EEE1VA4R7SR
(1)
2000
10
45.4
(B)
220.161000
EEE1VA100WR
(1)
2000
55.4
C
30
0.12
2000
EEE1VA100SR
(1)
1000
22
55.4
(C)
360.161000
EEE1VA220WR
(1)
1000
6.3
5.4
D
600.122000
EEE1VA220SP
(1)
1000
33
6.3
5.4
(D)
600.161000
EEE1VA330WP
(1)
1000
86.2
E
130
0.14
2000
EEE1VA330P
(2)
1000
47
6.3
5.4
(D)
700.161000
EEE1VA470WP
(1)
1000
86.2
E
165
0.14
2000
EEE1VA470P
(2)
1000
100
6.3
7.7
D8
1320.122000
EEE1VA101XP
(1)
900
810.2
(F)
1400.142000
EEE1VA101UP
(2)
500
10
10.2
G
210
0.14
2000
EEE1VA101P
(2)
500
220
810.2
(F)
2000.142000
EEE1VA221UP
(2)
500
10
10.2
G
310
0.14
2000
EEE1VA221P
(2)
500
330
10
10.2
G
350
0.14
2000
EEE1VA331P
(2)
500
✽ Size code( ):Miniaturization product
✽✽ Dia.3mm is not recommended for new design. Please consider Dia.4mm.(Available upon request)
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 85 °C 2000 h
00 Nov. 2012


Similar Part No. - EEE2AA330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE2AA330P PANASONIC-EEE2AA330P Datasheet
277Kb / 5P
   Surface Mount Type
EEE2AA330P PANASONIC-EEE2AA330P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE2AA330P PANASONIC-EEE2AA330P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE2AA330P PANASONIC-EEE2AA330P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
List of Unclassifed Man...
EEE2AA330P ETC2-EEE2AA330P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE2AA330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com