Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1VA4R7NR Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEE1VA4R7NR
Description  Aluminum Electrolytic Capacitors/ S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1VA4R7NR Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEE1VA4R7NR Datasheet HTML 1Page - Panasonic Semiconductor EEE1VA4R7NR Datasheet HTML 2Page - Panasonic Semiconductor EEE1VA4R7NR Datasheet HTML 3Page - Panasonic Semiconductor EEE1VA4R7NR Datasheet HTML 4Page - Panasonic Semiconductor EEE1VA4R7NR Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-12 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
50
0.1
4
5.4
B
1
0.12
2000
EEE1HA0R1SR
✽✽✽
(1)
2000
0.22
4
5.4
B
2
0.12
2000
EEE1HAR22SR
✽✽✽
(1)
2000
0.33
4
5.4
B
3
0.12
2000
EEE1HAR33SR
✽✽✽
(1)
2000
0.47
4
5.4
B
5
0.12
2000
EEE1HAR47SR
✽✽✽
(1)
2000
1
4
5.4
B
10
0.12
2000
EEE1HA010SR
(1)
2000
2.2
4
5.4
B
16
0.12
2000
EEE1HA2R2SR
(1)
2000
3.3
4
5.4
B
16
0.12
2000
EEE1HA3R3SR
(1)
2000
4.7
4
5.4
(B)
18
0.14
1000
EEE1HA4R7WR
(1)
2000
5
5.4
C
23
0.12
2000
EEE1HA4R7SR
(1)
1000
10
5
5.4
(C)
27
0.14
1000
EEE1HA100WR
(1)
1000
6.3
5.4
D
35
0.12
2000
EEE1HA100SP
(1)
1000
22
6.3
5.4
(D)
40
0.14
1000
EEE1HA220WP
(1)
1000
8
6.2
E
120
0.12
2000
EEE1HA220P
(2)
1000
33
6.3
7.7
D8
85
0.12
2000
EEE1HA330XP
(1)
900
8
6.2
(E)
65
0.12
2000
EEE1HA330UP
(2)
1000
8
10.2
F
110
0.12
2000
EEE1HA330P
(2)
500
47
6.3
7.7
D8
105
0.12
2000
EEE1HA470XP
(1)
900
8
10.2
(F)
110
0.12
2000
EEE1HA470UP
(2)
500
10
10.2
G
130
0.12
2000
EEE1HA470P
(2)
500
100
8
10.2
(F)
200
0.12
2000
EEE1HA101UP
(2)
500
10
10.2
G
250
0.12
2000
EEE1HA101P
(2)
500
220
10
10.2
G
300
0.12
2000
EEE1HA221P
(2)
500
63
22
8
6.2
(E)
40
0.18
2000
EEE1JA220UP
(2)
1000
8
10.2
F
40
0.18
2000
EEE1JA220P
(2)
500
33
8
10.2
F
45
0.18
2000
EEE1JA330P
(2)
500
47
8
10.2
(F)
45
0.18
2000
EEE1JA470UP
(2)
500
10
10.2
G
45
0.18
2000
EEE1JA470P
(2)
500
100
10
10.2
G
60
0.18
2000
EEE1JA101P
(2)
500
100
3.3
8
6.2
E
50
0.18
2000
EEE2AA3R3P
(2)
1000
4.7
8
6.2
(E)
50
0.18
2000
EEE2AA4R7UP
(2)
1000
10
8
6.2
(E)
50
0.18
2000
EEE2AA100UP
(2)
1000
8
10.2
F
85
0.18
2000
EEE2AA100P
(2)
500
22
8
10.2
(F)
55
0.18
2000
EEE2AA220UP
(2)
500
10
10.2
G
85
0.18
2000
EEE2AA220P
(2)
500
33
10
10.2
G
90
0.18
2000
EEE2AA330P
(2)
500
✽ Size code( ):Miniaturization product
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
02 Mar. 2014


Similar Part No. - EEE1VA4R7NR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1VA4R7NR PANASONIC-EEE1VA4R7NR Datasheet
277Kb / 5P
   Surface Mount Type
EEE1VA4R7NR PANASONIC-EEE1VA4R7NR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA4R7NR PANASONIC-EEE1VA4R7NR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1VA4R7NR PANASONIC-EEE1VA4R7NR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
List of Unclassifed Man...
EEE1VA4R7NR ETC2-EEE1VA4R7NR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1VA4R7NR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com