Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEB2G470S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUEB2G470S
Description  Aluminum Electrolytic Capacitors/ EB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB2G470S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUEB2G470S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB2G470S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB2G470S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB
– EEE-88 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
10
100
5
15
105
0.30
7000
0.5
2.0
5.0
2.5
EEUEB1A101( )
200
2000
5
11
66
0.30
5000
0.5
2.0
5.0
2.5
EEUEB1A101S( )
200
2000
220
6.3
15
152
0.30
7000
0.5
2.5
5.0
2.5
EEUEB1A221( )
200
2000
6.3
11.2
100
0.30
5000
0.5
2.5
5.0
2.5
EEUEB1A221S( )
200
2000
470
8
15
278
0.30
10000
0.6
3.5
5.0
EEUEB1A471( )
200
1000
8
11.5
180
0.30
5000
0.6
3.5
5.0
EEUEB1A471S( )
200
1000
2200
12.5
20
540
0.32
10000
0.6
5.0
5.0
EEUEB1A222( )
200
500
3300
12.5
25
802
0.34
10000
0.6
5.0
5.0
EEUEB1A332( )
200
500
16
1000
10
20
430
0.25
10000
0.6
5.0
5.0
EEUEB1C102( )
200
500
2200
12.5
25
706
0.27
10000
0.6
5.0
5.0
EEUEB1C222( )
200
500
25
47
5
15
78
0.22
7000
0.5
2.0
5.0
2.5
EEUEB1E470( )
200
2000
5
11
55
0.22
5000
0.5
2.0
5.0
2.5
EEUEB1E470S( )
200
2000
100
6.3
15
135
0.22
7000
0.5
2.5
5.0
2.5
EEUEB1E101( )
200
2000
6.3
11.2
95
0.22
5000
0.5
2.5
5.0
2.5
EEUEB1E101S( )
200
2000
220
8
11.5
125
0.22
5000
0.6
3.5
5.0
EEUEB1E221S( )
200
1000
330
8
15
255
0.22
10000
0.6
3.5
5.0
EEUEB1E331( )
200
1000
470
10
16
321
0.22
10000
0.6
5.0
5.0
EEUEB1E471( )
200
500
1000
12.5
20
498
0.22
10000
0.6
5.0
5.0
EEUEB1E102( )
200
500
35
33
5
15
66
0.18
7000
0.5
2.0
5.0
2.5
EEUEB1V330( )
200
2000
5
11
46
0.18
5000
0.5
2.0
5.0
2.5
EEUEB1V330S( )
200
2000
220
8
15
197
0.18
10000
0.6
3.5
5.0
EEUEB1V221( )
200
1000
330
10
16
278
0.18
10000
0.6
5.0
5.0
EEUEB1V331( )
200
500
470
10
20
349
0.18
10000
0.6
5.0
5.0
EEUEB1V471( )
200
500
1000
12.5
25
586
0.18
10000
0.6
5.0
5.0
EEUEB1V102( )
200
500
50
0.47
5
11
4
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1HR47S( )
✽✽✽ 200
2000
1
5
11
8
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H1R0S( )
✽✽✽ 200
2000
2.2
5
11
15
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H2R2S( )
200
2000
3.3
5
11
18
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H3R3S( )
200
2000
4.7
5
11
18
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H4R7S( )
200
2000
10
5
11
27
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H100S( )
200
2000
22
5
15
55
0.15
7000
0.5
2.0
5.0
2.5
EEUEB1H220( )
200
2000
5
11
39
0.15
5000
0.5
2.0
5.0
2.5
EEUEB1H220S( )
200
2000
47
6.3
15
87
0.15
7000
0.5
2.5
5.0
2.5
EEUEB1H470( )
200
2000
6.3
11.2
61
0.15
5000
0.5
2.5
5.0
2.5
EEUEB1H470S( )
200
2000
100
8
11.5
99
0.15
5000
0.6
3.5
5.0
EEUEB1H101S( )
200
1000
220
10
16
234
0.15
10000
0.6
5.0
5.0
EEUEB1H221( )
200
500
330
10
20
293
0.15
10000
0.6
5.0
5.0
EEUEB1H331( )
200
500
470
12.5
20
370
0.15
10000
0.6
5.0
5.0
EEUEB1H471( )
200
500
63
0.47
5
15
6
0.12
7000
0.5
2.0
5.0
2.5
EEUEB1JR47( )
✽✽✽
200
2000
5
11
4.5
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1JR47S( )
✽✽✽ 200
2000
1
5
15
12
0.12
7000
0.5
2.0
5.0
2.5
EEUEB1J1R0( )
✽✽✽
200
2000
5
11
9
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1J1R0S( )
✽✽✽ 200
2000
2.2
5
11
16.5
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1J2R2S( )
200
2000
3.3
5
15
30
0.12
7000
0.5
2.0
5.0
2.5
EEUEB1J3R3( )
200
2000
5
11
20
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1J3R3S( )
200
2000
4.7
5
15
30
0.12
7000
0.5
2.0
5.0
2.5
EEUEB1J4R7( )
200
2000
5
11
23
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1J4R7S( )
200
2000
10
5
15
46
0.12
7000
0.5
2.0
5.0
2.5
EEUEB1J100( )
200
2000
5
11
30
0.12
5000
0.5
2.0
5.0
2.5
EEUEB1J100S( )
200
2000
22
6.3
15
55
0.12
7000
0.5
2.5
5.0
2.5
EEUEB1J220( )
200
2000
6.3
11.2
40
0.12
5000
0.5
2.5
5.0
2.5
EEUEB1J220S( )
200
2000
33
6.3
15
71
0.12
7000
0.5
2.5
5.0
2.5
EEUEB1J330( )
200
2000
6.3
11.2
50
0.12
5000
0.5
2.5
5.0
2.5
EEUEB1J330S( )
200
2000
47
8
15
94
0.12
10000
0.6
3.5
5.0
EEUEB1J470( )
200
1000
8
11.5
80
0.12
5000
0.6
3.5
5.0
EEUEB1J470S( )
200
1000
100
8
15
180
0.12
10000
0.6
3.5
5.0
EEUEB1J101( )
200
1000
220
10
20
292
0.12
10000
0.6
5.0
5.0
EEUEB1J221( )
200
500
330
12.5
20
381
0.12
10000
0.6
5.0
5.0
EEUEB1J331( )
200
500
470
12.5
25
454
0.12
10000
0.6
5.0
5.0
EEUEB1J471( )
200
500
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
Endurance : 105 °C
05×11 to 08×11.5=5000 h, 05×15 to 06.3×15=7000 h, 08×15 to 012.5×25=10000 h
02 May. 2014


Similar Part No. - EEUEB2G470S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB2G470S PANASONIC-EEUEB2G470S Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
EEUEB2G470S PANASONIC-EEUEB2G470S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB2G470S PANASONIC-EEUEB2G470S Datasheet
71Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUEB2G470S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEUEB1A101 PANASONIC-EEUEB1A101 Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com