Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2RV-L11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2RV-L11
Description  High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2RV-L11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2RV-L11 Datasheet HTML 1Page - Omron Electronics LLC D2RV-L11 Datasheet HTML 2Page - Omron Electronics LLC D2RV-L11 Datasheet HTML 3Page - Omron Electronics LLC D2RV-L11 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
D
2
R
V
D2RV
Miniature Basic Switch
High Reliability for Micro Load
Applications, Even in Adverse
Atmospheres (Dust, High
Humidity, Silicon Gas, etc.)
● The reed switch offers exceptional contact
reliability in micro load applications.
● Same mounting pitch as for the V Miniature Basic
Switch.
● High durability with a bounce time of 1 ms max.
RoHS Compliant
Model Number Legend
List of Models
Contact Form
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 30 operations/min
Characteristics
Note. The data given above are initial values.
*1.
The values for dielectric strength shown are for models with a Separator
(refer to "Basic Switch Common Accessories").
*2.
For the pin plunger models, the above values apply for use at the free
position and total travel position. For the lever models, they apply at the
total travel position. Close or open circuit of the contact is 1ms max.
*3.
For testing conditions, consult your OMRON sales representative.
Maximum
Operating
Force (OF)
Model
Actuator
Pin
plunger
0.25 N {25 gf}
D2RV-E
0.49 N {50 gf}
D2RV
0.98 N {100 gf}
D2RV-G
Short hinge
lever
0.49 N {50 gf}
D2RV-L11
0.98 N {100 gf}
D2RV-L11G
Hinge lever
0.25 N {25 gf}
D2RV-L
0.49 N {50 gf}
D2RV-LG
Simulated
roller lever
0.25 N {25 gf}
D2RV-L13
0.49 N {50 gf}
D2RV-L13G
Short hinge
roller lever
0.49 N {50 gf}
D2RV-L22
0.98 N {100 gf}
D2RV-L22G
Hinge roller
lever
0.25 N {25 gf}
D2RV-L2
0.49 N {50 gf}
D2RV-L2G
D2RV-
@@
12
1. Actuator
None : Pin plunger model
L11 : Short hinge lever
L
: Hinge lever
L13 : Simulated roller lever
L22 : Short hinge roller lever
L2
: Hinge roller lever
2. Maximum Operating Force (OF)
None : 0.49 N {50 gf}
E
: 0.25 N {25 gf}
(for pin plungers only)
G
: 0.98 N {100 gf}
Note. These values are for the pin plunger models.
Switching voltage
100 VDC (max.)
Switching current
0.25 ADC (max.)
Contact capacity
10 WDC (max.)
Permissible operating speed
0.1mm to 1 m/s (for pin plunger models)
Permissible
operating
frequency
Mechanical
200 operations/min
Electrical
200 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
150 m
Ω max.
Dielectric
strength * 1
Between terminals of
the same polarity
200 VDC 1 min
Between current-
carrying metal parts and
ground
500 VAC 50/60 Hz for 1 min
Between each terminal
and non-current-
carrying metal parts
500 VAC 50/60 Hz for 1 min
Vibration
resistance * 2
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
resistance
Destruction
500 m/s2 {approx. 50G} max.
Malfunction * 2
200 m/s2 {approx. 20G} max.
Durability * 3
Mechanical
10,000,000 operations min. (60 operations/min)
Electrical
3,000,000 operations min. (30 operations/min)
Degree of protection
IEC IP40
Ambient operating temperature
–10°C to
+60°C (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
80% max. (for
+5°C to +35°C)
Weight
Approx. 7g (for pin plunger models)
●SPST-NO
NO
COM
Reed switch
Separator (Sold Separately), Actuator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"


Similar Part No. - D2RV-L11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2RV-L11 OMRON-D2RV-L11 Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
D2RV-L11G OMRON-D2RV-L11G Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
More results

Similar Description - D2RV-L11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2RV-L22E OMRON-D2RV-L22E Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
logo
STANLEY ELECTRIC CO.,LT...
VCEW1158LDS-3C3K3-TR STANLEY-VCEW1158LDS-3C3K3-TR Datasheet
854Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1154LDSE-3C9L4-TR STANLEY-VCHW1154LDSE-3C9L4-TR Datasheet
878Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1158LDS-3C5A3-TR STANLEY-VCHW1158LDS-3C5A3-TR Datasheet
738Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
logo
TEMEX
RHX3700 TEMEX-RHX3700 Datasheet
391Kb / 1P
   High reliability applications
RHX3500 TEMEX-RHX3500 Datasheet
429Kb / 1P
   High reliability applications
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
logo
Rohm
BD64220EFV ROHM-BD64220EFV Datasheet
2Mb / 27P
   High Performance, High Reliability 50 V 2ch Brush Motor Drivers for PPCs etc.
logo
ON Semiconductor
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1_05 Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com