Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH12152MV Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWH12152MV
Description  Metallized Polypropylene Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12152MV Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWH12152MV Datasheet HTML 1Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 2Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 3Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 4Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 5Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 6Page - Panasonic Semiconductor ECWH12152MV Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating & Dimensions
GRated voltage : 1000 VDC. Capacitance tolerance : ±3 %(H), ±5 %(J)
Part No.
Cap.
(µF)
Quantity
Ammo
7.5 mm
Dimensions (mm)
300
400
400
300
L max
T max
ød
Straight Crimped lead Straight Crimped lead
H max
FS
ECWH10102MV(
)
0.0010
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10112MV(
)
0.0011
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10122MV(
)
0.0012
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10132MV(
)
0.0013
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH10152MV(
)
0.0015
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10162MV(
)
0.0016
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10182MV(
)
0.0018
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH10202MV(
)
0.0020
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH10222MV(
)
0.0022
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10242MV(
)
0.0024
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10272MV(
)
0.0027
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH10302MV(
)
0.0030
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH10332MV(
)
0.0033
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH10362MV(
)
0.0036
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10392MV(
)
0.0039
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10432MV(
)
0.0043
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH10472MV(
)
0.0047
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH10512MV(
)
0.0051
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH10562MV(
)
0.0056
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10622MV(
)
0.0062
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10682MV(
)
0.0068
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10752MV(
)
0.0075
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10822MV(
)
0.0082
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10912MV(
)
0.0091
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH10103MV(
)
0.010
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH10113MV(
)
0.011
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10123MV(
)
0.012
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10133MV(
)
0.013
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10153MV(
)
0.015
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH10163MV(
)
0.016
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH10183MV(
)
0.018
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH10203MV(
)
0.020
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWH10223MV(
)
0.022
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWH10243MV(
)
0.024
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWH10273MV(
)
0.027
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWH10303MV(
)
0.030
18.0
9.5
16.5
21.5
15.0
10.0
0.80
ECWH10333MV(
)
0.033
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH10363MV(
)
0.036
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH10393MV(
)
0.039
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH10433MV(
)
0.043
23.0
8.5
16.5
21.5
20.0
15.0
0.80
ECWH10473MV(
)
0.047
23.0
8.5
17.0
22.0
20.0
15.0
0.80
ECWH10513MV(
)
0.051
23.0
9.0
17.5
22.5
20.0
15.0
0.80
ECWH10563MV(
)
0.056
23.0
9.5
17.5
22.5
20.0
15.0
0.80
ECWH10623MV(
)
0.062
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH10683MV(
)
0.068
23.0
10.0
19.0
24.0
20.0
15.0
0.80
ECWH10753MV(
)
0.075
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH10823MV(
)
0.082
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH10913MV(
)
0.091
23.0
11.5
20.5
25.5
20.0
15.0
0.80
ECWH10104MV(
)
0.10
23.0
12.0
21.0
26.0
20.0
15.0
0.80
500
Suffix for lead crimped
Cap. tol. code
L
L


Similar Part No. - ECWH12152MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH12153 PANASONIC-ECWH12153 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH12153 PANASONIC-ECWH12153 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH12153V PANASONIC-ECWH12153V Datasheet
207Kb / 14P
   Metallized Polypropylene Film Capaitor
ECWH12153V PANASONIC-ECWH12153V Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
More results

Similar Description - ECWH12152MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com