Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM2301P Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM2301P
Description  20V P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM2301P Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

  UM2301P Datasheet HTML 1Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 2Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 3Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 4Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 5Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 6Page - Union Semiconductor, Inc. UM2301P Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Nov.2012
6/7
UM2301
UM2301P SOT323
Outline Drawing
DIMENSIONS
MILLIMETERS
INCHES
Symbol
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.877
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.220
0.003
0.009
D
1.800
2.200
0.071
0.087
E
1.150
1.350
0.045
0.053
E1
2.000
2.450
0.079
0.096
e
0.650REF
0.026REF
e1
1.200
1.400
0.047
0.055
L
0.488REF
0.020REF
L1
0.260
0.460
0.010
0.018
θ
Land Pattern
NOTES:
1. Compound dimension: 2.10×1.25;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM2301P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2301P UNIONSEMI-UM2301P Datasheet
200Kb / 7P
   20V P-Channel Power MOSFET
More results

Similar Description - UM2301P

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com