Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3088EESA Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM3088EESA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3088EESA Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM3088EESA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.03Jun.2013
2/12
UM3085E/UM3088E
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+7
V
Control Input Voltage (/RE, DE)
-0.3V to (VCC + 0.3V)
V
Driver Input Voltage (DI)
-0.3V to (VCC + 0.3V)
V
Driver Output Voltage (A, B)
-7.5 to +12.5
V
Receiver Input Voltage (A, B)
-7.5 to +12.5
V
Receiver Output Voltage (RO)
-0.3V to (VCC + 0.3V)
V
TA
Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +160
°C
TL
Lead Temperature for Soldering 10 seconds
+300
°C
DC Electrical Characteristics
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V
and TA = +25°C.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SUPPLY CURRENT
DE = V
CC,
RE
_______
=0V or VCC
0.3
Supply Current
ICC
No load,
DI = GND
or VCC
DE =0V,
RE
_______
=0V
0.25
mA
Supply Current in Shutdown
Mode
ISHDN
DE = GND, R E
_______
= VCC
0.002
10
µA
LOGIC
Input High Voltage
VIH1
DE, DI, R E
______
2.0
V
Input Low Voltage
VIL1
DE, DI, R E
______
0.8
V
DI Input Hysteresis
VHYS
UM3085E
100
mV
DRIVER
Differential Driver Output
V
OD1
No Load, Figure 2
5
V
Differential Driver Output
V
OD2
Figure 2, R = 50Ω
1.5
V
Change-in-Magnitude of
Differential Output Voltage
ΔV
OD
Figure 2, R = 50Ω;
(Note 2)
0.2
V
Driver Common-Mode
Output Voltage
V
OC
Figure 2, R = 50Ω
3.0
V
Change-in-Magnitude of
Common-Mode Voltage
ΔV
OC
Figure 2, R = 50Ω;
(Note 2)
0.2
V
VOUT = -7V
-250
Driver Short-Circuit Output
Current (Note 3)
I
OSD
VOUT = 12V
250
mA


Similar Part No. - UM3088EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3088EESA UNIONSEMI-UM3088EESA Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results

Similar Description - UM3088EESA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com