Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3085EEPA Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3085EEPA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3085EEPA Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3085EEPA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3085EEPA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.03Jun.2013
3/12
UM3085E/UM3088E
DC Electrical Characteristics (Continued)
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC= +5V and
TA = +25°C.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RECEIVER
Receiver Differential
Threshold Voltage
V
TH
-7V≤VCM≤12V
-200
-50
mV
Receiver Input Hysteresis
Δ
 
V
TH
VCM=0V
25
mV
Receiver Input Resistance
R
IN
-7V≤V
CM≤12V
96
KΩ
V
IN = 12V
1.0
Input Current (A and B)
I
IN2
DE = GND,
V
CC = GND
or 5V
V
IN = -7V
-0.8
mA
Receiver Output High Voltage
V
OH
I
O = -1.5mA, VID = 200mV VCC -1.5
V
Receiver Output Low Voltage
V
OL
I
O = 2.5mA, VID = 200mV
0.4
V
Three-State Output Current at
Receiver
I
OZR
V
CC = 5V, 0V ≤ VO ≤ VCC
±1
µA
Receiver Output Short Circuit
Current
I
OSR
0V≤V
RO ≤VCC
±8
±60
mA
ESD Protection
Human Body Model
±15
IEC61000-4-2 Air Discharge
±15
ESD Protection for A, B
IEC61000-4-2 Contact
±8
kV
Note 1: All currents into the device are positive; all currents out of the device are negative. All
voltages are referred to device ground unless otherwise noted.
Note 2: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input
changes state.
Note 3: Maximum current level applies to peak current just prior to fold back current limiting;
minimum current level applies during current limiting.


Similar Part No. - UM3085EEPA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3085EEPA UNIONSEMI-UM3085EEPA Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results

Similar Description - UM3085EEPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com