Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE39A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # P6KE39A
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE39A Datasheet(HTML) 1 Page - Diodes Incorporated

  P6KE39A Datasheet HTML 1Page - Diodes Incorporated P6KE39A Datasheet HTML 2Page - Diodes Incorporated P6KE39A Datasheet HTML 3Page - Diodes Incorporated P6KE39A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS21502 Rev. 12 - 2
1 of 4
P6KE6V8(C)A - P6KE400(C)A
P6KE6V8(C)A - P6KE400(C)A
600W TRANSIENT VOLTAGE SUPPRESSOR
·
600W Peak Pulse Power Dissipation
·
Voltage Range 6.8V - 400V
·
Constructed with Glass Passivated Die
·
Uni- and Bidirectional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
Maximum Ratings
@ TA = 25°C unless otherwise specified
Features
·
Case: Transfer Molded Epoxy
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Leads: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Marking: Unidirectional - Type Number and
Cathode Band
·
Marking: Bidirectional - Type Number Only
·
Approx. Weight: 0.4 grams
Mechanical Data
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, tp = 1.0 ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
600
W
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Mounted on Copper Land Area of 40mm
2
)
Pd
5.0
W
Peak Forward Surge Current, 8.3 ms Single Half Sine Wave, Superimposed
on Rated Load (JEDEC Method) Duty Cycle = 4 pulses per minute maximum
IFSM
100
A
Forward Voltage @ IF = 35A
VBR
£ 200V
300µs Square Wave Pulse, Unidirectional Only
VBR > 200V
VF
3.5
5.0
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
Notes:
1. Suffix ‘C’ denotes bidirectional device.
2. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled.


Similar Part No. - P6KE39A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P6KE39A HUAXINAN-P6KE39A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Motorola, Inc
P6KE39A MOTOROLA-P6KE39A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE39A VISHAY-P6KE39A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Galaxy Semi-Conductor H...
P6KE39A BILIN-P6KE39A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE39A SUNMATE-P6KE39A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
More results

Similar Description - P6KE39A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com