Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEMWS59T80FZ10 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LEMWS59T80FZ10
Description  MODEL NAME LEMWS59T80 Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LEMWS59T80FZ10 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LEMWS59T80FZ10 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LEMWS59T80FZ10 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11 / 31
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3
 Forward Current vs. Forward Voltage
Forward Voltage [V]
8. Typical Characteristic Curves
 Relative Luminous Flux vs. Forward Current
Forward Current [mA]
Ta = 25℃
Ta = 25℃
5000K
3000K
※ 5000K CCT data also applies to 5700K and 6500K CCTs and 3000K data also applies to 2700K, 3500K
and 4000K CCTs.


Similar Part No. - LEMWS59T80FZ10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEM-44221T ETC1-LEM-44221T Datasheet
115Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-51321 ETC-LEM-51321 Datasheet
114Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-51321T ETC-LEM-51321T Datasheet
114Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-54221T ETC-LEM-54221T Datasheet
117Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-65121T ETC1-LEM-65121T Datasheet
70Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results

Similar Description - LEMWS59T80FZ10

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
T315XW02 AUO-T315XW02 Datasheet
566Kb / 28P
   31.5?쓂XGAColor TFT-LCDModul Model Name: T315XW02 VC
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
List of Unclassifed Man...
L101S103LF ETC2-L101S103LF Datasheet
169Kb / 5P
   MODEL L SERIES
KCD1-104 ETC2-KCD1-104 Datasheet
388Kb / 4P
   Product Name: Rocker Switch.
logo
MediaTek Inc.
MT6628Q MEDIATEK-MT6628Q Datasheet
659Kb / 26P
   Update WiFi standard name
Version: 1.3 2012-06-05
logo
List of Unclassifed Man...
L091S562LF ETC2-L091S562LF Datasheet
169Kb / 5P
   MODEL L SERIES
logo
Sony Corporation
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
   US Model, Canadian Model, Mexican Model
logo
Laird Tech Smart Techno...
M2US50NBT LSTD-M2US50NBT Datasheet
1Mb / 37P
   Changed document name to Datasheet
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
   AEP Model UK Model
logo
Connor-Winfield Corpora...
OX914XS3 CONNOR-WINFIELD-OX914XS3 Datasheet
600Kb / 4P
   Connor-Winfield model series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com