Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-1212 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LB-1212
Description  PRINTED CIRCUIT TRANS FORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB-1212 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LB-1212 Datasheet HTML 1Page - List of Unclassifed Manufacturers LB-1212 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

P R i N T E D C i R C u i T T R A N S F O R M E R S
“Low Boy” LB Series
LB Type
(Series Connections)
LB Type
(Parallel Connections)
.020 X .041
.125 ± .015 dIA.
w
l
ml
A
H
b
1
5
.216
mw
lIne
lIne
lIne
lIne
PRImARy
230V
50/60hz
PRImARy
115V
50/60hz
1
5
2
6
4
8
3
7
1
5
2
6
4
8
3
7
l
o
A
D
l
o
A
D
TECH TIP
Explanation of Low Boy Interconnections
Because of the toroidal effect, two identical coils
are connected in series or parallel, but one of the
coils must be connected in reverse in order to get
correct
polarity and voltage.
Pri. Coil 1
1
2
5
6
3
4
7
8
Sec. Coil 1
Pri. Coil 2
Sec. Coil 2


Similar Part No. - LB-1212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-1001 ETC2-LB-1001 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
LB-1002 ETC2-LB-1002 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
LB-1003 ETC2-LB-1003 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
LB-1004 ETC2-LB-1004 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
LB-1005 ETC2-LB-1005 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
More results

Similar Description - LB-1212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
   NPN DARLINGTON TRANS IBTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com