Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3232EEPE Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM3232EEPE
Description  Fail-Safe, Single Supply RS-232 Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3232EEPE Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM3232EEPE Datasheet HTML 4Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 5Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 6Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 7Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 8Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 9Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 10Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 11Page - Union Semiconductor, Inc. UM3232EEPE Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.06 Dec.2013
8/15
UM3221E/UM3222E/UM3232E
Typical Operating Circuits
Figure 2
+3.3V
C5
C3
C1
C2
C4
+3.3V
C1+
C1-
C2+
C2-
400k
T1OUT
T1IN
R1IN
R1OUT
VCC
V+
V-
5k
+
+
+
+
+
+3.3V
400k
T2OUT
T2IN
R2IN
R2OUT
5k
GND
19
2
4
5
6
3
7
13
12
17
8
15
10
16
9
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
UM3222E
18
20
1 EN
SHDN
+3.3V
C5
C3
C1
C2
C4
+3.3V
C1+
C1-
C2+
C2-
400k
T1OUT
T1IN
R1IN
R1OUT
VCC
V+
V-
5k
+
+
+
+
+
GND
15
2
4
5
6
3
7
11
13
9
8
TTL/CMOS
INPUT
TTL/CMOS
OUTPUT
RS-232
INPUT
UM3221E
14
16
1 EN
SHDN
RS-232
OUTPUT
+3.3V
C5
C3
C1
C2
C4
+3.3V
C1+
C1-
C2+
C2-
400k
T1OUT
T1IN
R1IN
R1OUT
VCC
V+
V-
5k
+
+
+
+
+
+3.3V
400k
T2OUT
T2IN
R2IN
R2OUT
5k
GND
16
1
3
4
5
2
6
11
10
14
7
12
9
13
8
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
UM3232E
15


Similar Part No. - UM3232EEPE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3232EEPE UNIONSEMI-UM3232EEPE Datasheet
365Kb / 16P
   Fail-Safe, Single Supply RS-232 Transceivers
More results

Similar Description - UM3232EEPE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3221E UNIONSEMI-UM3221E_16 Datasheet
365Kb / 16P
   Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM202EESE UNIONSEMI-UM202EESE_14 Datasheet
316Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
List of Unclassifed Man...
STC232E ETC1-STC232E Datasheet
79Kb / 6P
   High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
logo
Union Semiconductor, In...
UM202EESE UNIONSEMI-UM202EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE_15 Datasheet
318Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com