Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3304 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3304
Description  4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3304 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3304 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3304 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.11 Sep.2013
6/15
UM3304/UM3304Q/UM3304QT
Switching Characteristics
TA=+25°C, VCCA= 1.2V
Parameter
From
(Input)
To
(Output)
VCCB=1.8V VCCB=2.5V VCCB=3.3V VCCB=5V
Unit
Typ
Typ
Typ
Typ
tpd
A
B
7
6
5.3
5.5
ns
B
A
7.5
6.5
6
6
ten
OE
A
1
1
1
1
μs
B
1
1
1
1
tdis
OE
A
18
16
14
14
ns
B
19
17
15
15
trA, tfA
A port rise and fall
time
5
5
5
5
ns
trB, tfB
B port rise and fall
time
2.5
1.5
1.2
1
ns
tSK(O)
Channel-to-channel
0.5
0.5
0.5
1.5
ns
Max data
rate
20
20
20
20
Mbps
Switching Characteristics
Over recommended operating free-air temperature range, VCCA=1.5V±0.1V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
VCCB=1.8V
±0.15V
VCCB=2.5V
±0.2V
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min Max Min Max Min Max Min Max
tpd
A
B
2
15
1.2
11
1.1
10
1
10
ns
B
A
1
15
0.9
12
0.5
12
0.3
13
ten
OE
A
1
1
1
1
μs
B
1
1
1
1
tdis
OE
A
6
30
5.5
28
5.5
25
5.5 23
ns
B
5.5
30
5
25
5
20
5
20
trA, tfA
A port rise and fall
time
1.5
5.0
1.5
5.0
1.5
5.0
1.5
5.0
ns
trB, tfB
B port rise and fall
time
0.9
4.5
0.6
3.5
0.5
3
0.4
2.5
ns
tSK(O)
Channel-to-channel
0.5
0.5
0.5
0.5
ns
Max data
rate
40
40
40
40
Mbps


Similar Part No. - UM3304

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3304 XINDEYI-UM3304 Datasheet
1Mb / 7P
   N-Ch and P-Ch 30V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM3304 DOINGTER-UM3304 Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET useadvanced trench Technology
logo
Union Semiconductor, In...
UM3304Q UNIONSEMI-UM3304Q Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304QT UNIONSEMI-UM3304QT Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results

Similar Description - UM3304

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com