Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3308 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3308
Description  8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3308 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3308 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3308 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.08 Apr.2014
3/12
UM3308
Absolute Maximum Ratings (Note 1)
Over operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage Range
-0.5 to +4.5
V
VCCB
Supply Voltage Range
-0.5 to +6.5
V
VI
Input Voltage Range (Note 2)
A ports
-0.5 to +4.5
V
B ports
-0.5 to +6.5
VO
Voltage
Range
applied
to
any
output in the high-impedance or
power-off state (Note 2)
A ports
-0.5 to +4.5
V
B ports
-0.5 to +6.5
VO
Voltage
Range
applied
to
any
output in the high or low state
(Note 2,3)
A ports
-0.5 to ( VCCA+0.5)
V
B ports
-0.5 to ( VCCB+0.5)
IIK
Input Clamp Current
VI<0
-50
mA
IOK
Output Clamp Current
VO<0
-50
mA
IO
Continuous Output Current
±50
mA
Continuous Current through VCCA, VCCB, or GND
±100
mA
θ
JA
Package Thermal Impedance
78
°C/W
TOP
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Note 1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent
damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated under "recommended
operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
Note 2: The input and output negative-voltage ratings may be exceeded if the input and output
current ratings are observed.
Note 3: The value of VCCA and VCCB are provided in the recommended operating conditions table.
Recommended Operating Conditions (Note 1, 2)
Symbol
Parameter
VCCA
VCCB
Min
Max
Unit
VCCA
Supply Voltage
1.2
3.6
V
VCCB
1.65
5.5
V
VIH
High Level Input
Voltage
Data Inputs
1.2V to 3.6V
1.65V to 5.5V
VCCI×0.65(Note3)
VCCI
V
OE
1.2V to 3.6V
1.65V to 5.5V
VCCA×0.65
5.5
V
VIL
Low Level Input
Voltage
Data Inputs
1.2V to 5.5V
1.65V to 5.5V
0
VCCI×0.35
V
OE
1.2V to 3.6V
1.65V to 5.5V
0
VCCA×0.35
V
Δt/ΔV
Input Transition
Rise or Fall Time
A-Port Inputs
1.2V to 3.6V
1.65V to 5.5V
40
ns/V
B-Port Inputs
1.2V to 3.6V
1.65V to 3.6V
40
4.5V to 5.5V
30
Note 1: The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at
VCCI or both at GND.
Note 2: VCCA must be less than or equal to VCCB and must not exceed 3.6 V.
Note 3: VCCI is the supply voltage associated with the input port.


Similar Part No. - UM3308

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3308H UNIONSEMI-UM3308H Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
More results

Similar Description - UM3308

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
logo
Texas Instruments
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com