Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3483EESA Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3483EESA
Description  3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3483EESA Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3483EESA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3483EESA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Union Semiconductor, Inc.
http://www.union-ic.com
Receiver Switching Characteristics
(VCC = +3.3V, TA = +25°C.)
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
UM3483E,UM3486E Datasheet Rev.0.1, Dec.2005
Page 4 of 12
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time to Shutdown
tSHDN
UM3483E /UM3486E (Note 3)
80
190
300
ns
VID = 0 to 3.0V, CL = 15pF, Figure 9
25
62
90
Receiver Propagation Delay,
Low-to-High Level
tRPLH
UM3483E
25
75
120
ns
VID = 0 to 3.0V, CL = 15pF, Figure 9
25
62
90
Receiver Propagation Delay,
High-to-Low Level
tRPHL
UM3483E
25
75
120
ns
VID = 0 to 3.0V, CL = 15pF, Figure 9
6
±10
|tPLH - tPHL| Receiver
Propagation-Delay Skew
tRPDS
UM3483E
12
±20
ns
Receiver-Output Enable Time
to Low Level
tPRZL
CL = 15pF, Figure 10,
UM3483E /UM3486E
25
50
ns
Receiver-Output Enable Time
to High Level
tPRZH
CL = 15pF, Figure 10,
UM3483E /UM3486E
25
50
ns
Receiver-Output Disable
Time from High Level
tPRHZ
CL = 15pF, Figure 10,
UM3483E /UM3486E
25
45
ns
Receiver-Output Disable
Time from Low Level
tPRLZ
CL = 15pF, Figure 10,
UM3483E /UM3486E
25
45
ns
Receiver-Output Enable Time
from Shutdown to Low Level
tPRSL
CL = 15pF, Figure 12,
UM3483E /UM3486E
720
1400
ns
Receiver-Output Enable Time
from Shutdown to High Level
tPRSH
CL = 15pF, Figure 10,
UM3483E /UM3486E
720
1400
ns
Note 1: VOD and VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 2: Measured on |tPLH (Y) - tPHL (Y)| and |tPLH (Z) - tPHL (Z)|.
Note 3: The transceivers are put into shutdown by bringing /RE high and DE low. If the inputs are in this state for less than 80ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 300ns, the parts are guaranteed to have entered
shutdown. See Low-Power Shutdown Mode section.


Similar Part No. - UM3483EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3483EESA UNIONSEMI-UM3483EESA Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
More results

Similar Description - UM3483EESA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com