Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH10222MV Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECWH10222MV
Description  Metallized Polypropylene Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10222MV Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECWH10222MV Datasheet HTML 1Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 2Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 3Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 4Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 5Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 6Page - Panasonic Semiconductor ECWH10222MV Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating & Dimensions
GRated voltage : 1600 VDC Capacitance tolerance : ±3 %(H), ±5 %(J)
Part No.
Cap.
(µF)
Quantity
Ammo
7.5 mm
Dimensions (mm)
400
500
400
300
L max
T max
ød
Straight Crimped lead Straight Crimped lead
H max
FS
ECWH16102MV(
)
0.0010
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16112MV(
)
0.0011
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16122MV(
)
0.0012
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16132MV(
)
0.0013
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH16152MV(
)
0.0015
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16162MV(
)
0.0016
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16182MV(
)
0.0018
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16202MV(
)
0.0020
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16222MV(
)
0.0022
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16242MV(
)
0.0024
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16272MV(
)
0.0027
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16302MV(
)
0.0030
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH16332MV(
)
0.0033
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH16362MV(
)
0.0036
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16392MV(
)
0.0039
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16432MV(
)
0.0043
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16472MV(
)
0.0047
23.0
6.5
14.5
19.5
20.0
15.0
0.80
ECWH16512MV(
)
0.0051
23.0
6.5
15.0
20.0
20.0
15.0
0.80
ECWH16562MV(
)
0.0056
23.0
6.5
15.0
20.0
20.0
15.0
0.80
ECWH16622MV(
)
0.0062
23.0
7.0
15.0
20.0
20.0
15.0
0.80
ECWH16682MV(
)
0.0068
23.0
7.0
15.5
20.5
20.0
15.0
0.80
ECWH16752MV(
)
0.0075
23.0
7.5
15.5
20.5
20.0
15.0
0.80
ECWH16822MV(
)
0.0082
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH16912MV(
)
0.0091
23.0
8.0
16.0
21.0
20.0
15.0
0.80
ECWH16103MV(
)
0.010
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH16113MV(
)
0.011
23.0
8.5
17.0
22.0
20.0
15.0
0.80
ECWH16123MV(
)
0.012
23.0
9.0
17.0
22.0
20.0
15.0
0.80
ECWH16133MV(
)
0.013
23.0
9.0
17.5
22.5
20.0
15.0
0.80
ECWH16153MV(
)
0.015
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH16163MV(
)
0.016
23.0
10.0
18.5
23.5
20.0
15.0
0.80
ECWH16183MV(
)
0.018
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH16203MV(
)
0.020
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH16223MV(
)
0.022
28.0
9.5
18.0
23.0
25.0
17.5
0.80
ECWH16243MV(
)
0.024
28.0
10.0
18.5
23.5
25.0
17.5
0.80
ECWH16273MV(
)
0.027
28.0
10.5
19.5
24.5
25.0
17.5
0.80
ECWH16303MV(
)
0.030
28.0
11.0
20.0
25.0
25.0
17.5
0.80
ECWH16333MV(
)
0.033
28.0
11.5
20.5
25.5
25.0
17.5
0.80
ECWH16363MV(
)
0.036
28.0
12.5
21.5
26.5
25.0
17.5
0.80
ECWH16393MV(
)
0.039
28.0
13.5
22.0
27.0
25.0
17.5
0.80
ECWH16433MV(
)
0.043
28.0
14.5
22.5
27.5
25.0
17.5
0.80
ECWH16473MV(
)
0.047
28.0
15.0
23.5
28.5
25.0
17.5
0.80
ECWH16513MV(
)
0.051
28.0
15.5
24.0
29.0
25.0
17.5
0.80
ECWH16563MV(
)
0.056
28.0
16.0
24.5
29.5
25.0
17.5
0.80
500
Suffix for lead crimped
Cap. tol. code
L
L


Similar Part No. - ECWH10222MV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10223 PANASONIC-ECWH10223 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10223 PANASONIC-ECWH10223 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10223 PANASONIC-ECWH10223 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10223 PANASONIC-ECWH10223 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH10223HVC PANASONIC-ECWH10223HVC Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10222MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com