Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVTG1C331Q Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVTG1C331Q
Description  Aluminum Electrolytic Capacitors/ TG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1C331Q Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVTG1C331Q Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1C331Q Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1C331Q Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TG
– EEE-51 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
ESR
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
10
100
8
6.2
E
100
1.00
0.30
EEETG1A101P
(2)
1000
220
86.2
(E)
100
1.00
0.30
EEETG1A221UP
(2)
1000
810.2F
197
0.50
0.30
EEETG1A221P
(2)
500
330
810.2
(F)
197
0.50
0.30
EEETG1A331UP
(2)
500
10
10.2
G
270
0.30
0.30
EEETG1A331P
(2)
500
470
10
10.2
(G)
270
0.300.30
EEETG1A471UP
(2)
500
1000
12.5
13.5
H13
800
0.12
0.30
EEVTG1A102Q
(3)
200
1500
12.5
13.5
(H13)
800
0.12
0.30
EEVTG1A152UQ
(3)
200
2200
16
16.5
J16
1100
0.08
0.32
EEVTG1A222M
(3)
125
3300
16
16.5
(J16)
1100
0.08
0.34
EEVTG1A332UM
(3)
125
18
16.5
K16
1300
0.075
0.34
EEVTG1A332M
(3)
125
4700
18
16.5
K16
1300
0.075
0.36
EEVTG1A472M
(3)
125
16
100
8
10.2
F
197
0.50
0.23
EEETG1C101P
(2)
500
220
810.2
(F)
197
0.50
0.23
EEETG1C221UP
(2)
500
10
10.2
G
270
0.30
0.23
EEETG1C221P
(2)
500
330
10
10.2
(G)
270
0.30
0.23
EEETG1C331UP
(2)
500
12.5
13.5
H13
800
0.12
0.23
EEVTG1C331Q
(3)
200
470
12.5
13.5
H13
800
0.12
0.23
EEVTG1C471Q
(3)
200
680
12.5
13.5
H13
800
0.12
0.23
EEVTG1C681Q
(3)
200
1000
12.5
13.5
(H13)
800
0.12
0.23
EEVTG1C102UQ
(3)
200
16
16.5
J16
1100
0.08
0.23
EEVTG1C102M
(3)
125
2200
16
16.5
(J16)
1100
0.08
0.25
EEVTG1C222UM
(3)
125
18
16.5
K16
1300
0.075
0.25
EEVTG1C222M
(3)
125
3300
18
16.5
K16
1300
0.075
0.27
EEVTG1C332M
(3)
125
25
47
8
6.2
E
100
1.00
0.18
EEETG1E470P
(2)
1000
100
86.2
(E)
100
1.00
0.18
EEETG1E101UP
(2)
1000
810.2F
197
0.50
0.18
EEETG1E101P
(2)
500
220
810.2
(F)
197
0.50
0.18
EEETG1E221UP
(2)
500
10
10.2
G
270
0.30
0.18
EEETG1E221P
(2)
500
330
10
10.2
(G)
270
0.30
0.18
EEETG1E331UP
(2)
500
12.5
13.5
H13
800
0.12
0.18
EEVTG1E331Q
(3)
200
470
12.5
13.5
H13
800
0.120.18
EEVTG1E471Q
(3)
200
680
12.5
13.5
(H13)
800
0.12
0.18
EEVTG1E681UQ
(3)
200
16
16.5
J16
1100
0.08
0.18
EEVTG1E681M
(3)
125
1000
16
16.5
(J16)
1100
0.08
0.18
EEVTG1E102UM
(3)
125
18
16.5
K16
1300
0.075
0.18
EEVTG1E102M
(3)
125
2200
18
16.5
K16
1300
0.075
0.20
EEVTG1E222M
(3)
125
35
33
8
6.2
E
100
1.00
0.16
EEETG1V330P
(2)
1000
47
86.2
(E)
100
1.00
0.16
EEETG1V470UP
(2)
1000
810.2F
197
0.50
0.16
EEETG1V470P
(2)
500
100
810.2
(F)
197
0.50
0.16
EEETG1V101UP
(2)
500
10
10.2
G
270
0.30
0.16
EEETG1V101P
(2)
500
220
10
10.2
(G)
270
0.30
0.16
EEETG1V221UP
(2)
500
330
12.5
13.5
H13
800
0.12
0.16
EEVTG1V331Q
(3)
200
35
470
12.5
13.5
(H13)
800
0.12
0.16
EEVTG1V471UQ
(3)
200
16
16.5
J16
1100
0.08
0.16
EEVTG1V471M
(3)
125
680
16
16.5
(J16)
1100
0.08
0.16
EEVTG1V681UM
(3)
125
18
16.5
K16
1300
0.075
0.16
EEVTG1V681M
(3)
125
1000
18
16.5
K16
1300
0.075
0.16
EEVTG1V102M
(3)
125
✽Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P, Q, or M”
Endurance : 125 °C 1000 h (
φ8 10.2 < : 2000 h)
00 Nov. 2012


Similar Part No. - EEVTG1C331Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTG1C331Q PANASONIC-EEVTG1C331Q Datasheet
73Kb / 5P
   Aluminum Electrolytic Capacitor/TG
EEVTG1C331Q PANASONIC-EEVTG1C331Q Datasheet
211Kb / 4P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C331Q PANASONIC-EEVTG1C331Q Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C331Q PANASONIC-EEVTG1C331Q Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG1C331Q PANASONIC-EEVTG1C331Q Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
More results

Similar Description - EEVTG1C331Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TG1E101UP PANASONIC-EEE-TG1E101UP Datasheet
211Kb / 4P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1J101UP PANASONIC-EEE-TG1J101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1H101UP PANASONIC-EEE-TG1H101UP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1H331Q PANASONIC-EEV-TG1H331Q Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEETG2A220UP PANASONIC-EEETG2A220UP Datasheet
92Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEV-TG1E102UM PANASONIC-EEV-TG1E102UM Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEE-TG1A331UP PANASONIC-EEE-TG1A331UP Datasheet
96Kb / 3P
   Aluminum Electrolytic Capacitors/ TG
EEVTG PANASONIC-EEVTG Datasheet
73Kb / 5P
   Aluminum Electrolytic Capacitor/TG
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com