Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-24-9244 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-24-9244
Description  Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-24-9244 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-24-9244 Datasheet HTML 1Page - Molex Electronics Ltd. 15-24-9244 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-24-9244
Status:
Active
Overview:
Mini-Fit® Blind Mate Interface (BMI) Connectors
Description:
Mini-Fit® BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
Circuits, PA Polyamide Nylon 6/6, UL 94V-0, with Tin (Sn) Plating
Documents:
3D Model
Test Summary TS-42404-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42404
Application
Board-to-Board, Power, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit® Plus HCS
Crimp Terminal Crimped to 16 AWG wire., See Molex
product specification PS-45750-001 for additional
current de-rating information.
Overview
Mini-Fit® Blind Mate Interface (BMI) Connectors
Product Name
Mini-Fit® BMI
UPC
800754320979
Physical
Breakaway
No
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Natural (White)
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
9.334/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
3.30mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.80mm
Packaging Type
Tray
Pitch - Mating Interface
4.20mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42404Series
Mates With
15-06-0241 Mini-Fit® BMI Panel Mount
Receptacle, 39-01-2245 Mini-Fit Jr.™
Receptacle, 15-24-7241 Mini-Fit® BMI
Vertical Receptacle Header, 44516-0012
Mini-Fit® BMI Slide-and-Lock Panel Mount
Receptacle


Similar Part No. - 15-24-9244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-24-9244 MOLEX1-15-24-9244 Datasheet
380Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Header, Dual Row, Right Angle, with Snap-inPlastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, with Tin (Sn)Plating
More results

Similar Description - 15-24-9244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-24-6243 MOLEX11-15-24-6243 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
15-24-6240 MOLEX11-15-24-6240 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
15-24-9247 MOLEX11-15-24-9247 Datasheet
58Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
15-24-6060 MOLEX11-15-24-6060 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6
15-24-6100 MOLEX11-15-24-6100 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 10
15-24-6163 MOLEX11-15-24-6163 Datasheet
52Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 16
15-24-6180 MOLEX11-15-24-6180 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 18
15-24-9067 MOLEX11-15-24-9067 Datasheet
53Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6
15-24-9144 MOLEX11-15-24-9144 Datasheet
59Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 14
15-24-9164 MOLEX11-15-24-9164 Datasheet
58Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com