Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQM6473MZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQM6473MZ
Description  Polyester Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQM6473MZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQM6473MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQM6473MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQM6473MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQM6473MZ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sDimensions in mm(not to scale)
sPackaging Specifications for Bulk Package
Paking quantity : 100pcs./bag
sTaping Specifications for Automatic Insertion
qTaping style
L max.
Marking
L max.
L max.
L max.
F
±1.25
S
±0.8
S
±0.8
S
±0.8
Marking
T max.
ød
±0.05
Solder-plated
Copper-clad steel-wire
Type 1
Type 2 (Suffix B)
Type 3 (Suffix W)
Style B
Marking
Style N
Style T
L max.
S
±0.8
Marking
Style D
Marking
qPackaging Specifications
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
0.001 to 0.0039
0.0047 to 0.01
0.0027 to 0.01
0.012 to 0.068
0.001 to 0.0015
0.0022
0.0068 to 0.022
Rated
volt.
Type
400VDC
ECQM
Cap.range
(µF)
Taping style
Packing
600VDC
AD
O
O
AS
B
O
C
O
D
O
E
O
O
Style AD
P
F
P0
Style B
F
P0
P
F
Style C
P
P0
Style D
F
P
P0
F
Style E
P
P0
See the column “Rating, Dimensions & Quantity Box” for packing quantity.
....
Style
AD
B
C
D
E
Lead Spacing
5.0mm
5.0mm
5.0mm
7.5mm
7.5mm
qLead Spacing
Mar. 2005


Similar Part No. - ECQM6473MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H273JF PANASONIC-ECQ-B1H273JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQM6473MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H273JF PANASONIC-ECQ-B1H273JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-M2102KZ PANASONIC-ECQ-M2102KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR
logo
Vishay Siliconix
MKT1826 VISHAY-MKT1826 Datasheet
89Kb / 3P
   Metallized Polyester Film Capacitor
Revision 11-Jun-02
logo
Panasonic Semiconductor
ECQ-E2105KB PANASONIC-ECQ-E2105KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com