Electronic Components Datasheet Search |
|
UM3487EEPA Datasheet(PDF) 10 Page - Union Semiconductor, Inc. |
|
UM3487EEPA Datasheet(HTML) 10 Page - Union Semiconductor, Inc. |
10 / 14 page ________________________________________________________________________ http://www.union-ic.com Rev.02 Jan.2014 10/14 UM3487E Detail Description Polarity Reversal Function With large node count RS485 network, it is common for some cable data lines to be wired backwards during installation. When this happens, the node is unable to communicate over, he must then rewire the connector, which is time consuming. The UM3487E simplifies this task by including an automatic polarity reversal function inside. Upon UM3487E power up, when DE=/RE=logic low, and RO keeps logic low over a predefined time TS (i.e TS=200ms in UM3487E), the chip reverse its bus pins polarity, so B become non-inverting, and A become inverting. Otherwise, the chip operates like any standard RS485 transceiver, and the bus pins have their normal polarity definition of A as non inverting and B as inverting. Union Semi’s unique automatic polarity reversal function is superior to that found on competing devices, because the receiver’s full fail safe function is maintained, even when the RX polarity is reversed. Fail-Safe and Hot-Swap The UM3487E guarantees a logic high receiver output when the receiver inputs are shorted or open, or when they are connected to a terminated transmission line with all drivers disabled. This is done by setting the receiver input threshold between -50mV and -200mV. If the differential receiver input voltage VID is greater than or equal to -50mV, RO id logic high. If VID is less than or equal to -200mV, RO is logic low. In the case of a terminated bus with all transmitters disabled, the receiver’s differential input voltage is pulled to 0V by the termination. With the receiver threshold of UM3487E, this results in logic high with a 50mV minimum noise margin, and this -50mV to -200mV threshold complies with the ±200mV EIA/TIA-485 standard. When circuit boards with RS485 transceiver are inserted into a hot or powered backplane, differential disturbances to the data bus cab lead to data errors. Upon initial circuit board insertion, the microprocessor undergoes its own power-up sequence. During this period, the processor/s logic output drivers are high impedance and unable to driver the DE and /RE inputs of these devices to a defined logic level. Leakage currents up to ±10μA from the high impedance state of processor’s logic drivers could cause standard CMOS enable inputs of a transceiver to drift to an incorrect logic level. Additionally, parasitic circuit board capacitance could cause coupling of VCC or GND to the enable inputs. Without the hot-swap capability, these facts could improperly enable the transceiver’s driver or receiver. When VCC rises, an internal pull down circuit holds DE low and /RE high. After the initial power up sequence, the pull down/pull up circuit becomes transparent, resetting the hot-swap tolerable input. This hot-swap input circuit enhances UM3487E’s performance in harsh environment application. ±15kV ESD Protection All pins on UM3487E device include ESD protection structures, and the family incorporates advanced structures which allow the RS-485 pins (L1, L2) to survive ESD events up to ±15kV. The RS-485 pins are particularly vulnerable to ESD damage because they typically connect to an exposed port on the exterior of the finished product. The ESD structures withstand high ESD in all states: normal operation, shutdown, and powered down. After an ESD event, circuits keep working without latch up. The ESD protection can be tested in various ways and with reference to the ground pin. The L1, L2 are characterized for protection to the following limits: ±15kV using the Human Body Model and IEC61000-4-2, Air-Gap Discharge, and ±8kV Contact Discharge. The logic pins (RO, /RE, DE, DI) are characterized for protection to the following limits: ±2kV using the Human Body Model. |
Similar Part No. - UM3487EEPA |
|
Similar Description - UM3487EEPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |