Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3487EESA Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM3487EESA
Description  짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3487EESA Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM3487EESA Datasheet HTML 1Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 2Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 3Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3487EESA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jan.2014
5/14
UM3487E
Non-Polarity Features
The Polarities of driver and receiver is always kept the same status. When DE=/RE=LOGIC 0 and
RO is standing LOGIC 0 for TS time, the polarities will be reversed automatically.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Waiting Time for Inverting
Ts
DE=/RE=L, RO keeps L
150
200
250
ms
Pin Description
Pin Number
Symbol
Function
1
RO
Receiver Output.
2
/RE
Receiver Enable. Drive /RE low to enable Receiver, RO is high
impedance when /RE is high. Drive /RE high and DE low to enter
low-power shutdown mode.
3
DE
Driver Enable. Drive DE high to enable drivers. The outputs are
high impedance when DE is low. Drive /RE high and DE low to
enter low-power shutdown mode.
4
DI
Driver Input.
5
GND
Ground
6
L2
Auto Polarity Reversal Receiver Input and Driver Output Pin.
When power up, the bus pins have their normal polarity
definition of L2 as non inverting and L1 as inverting; otherwise
L2 become inverting and L1 become non inverting for reversal
status.
7
L1
8
VCC
Power Supply for RS-485 transceiver
RS-485 Communication Function Table
Table1. Transmitting
INPUTS
OUTPUTS
/RE
DE
DI
A
B
X
H
H/O
H
L
X
H
L
L
H
L
L/O
X
Z
Z
H
L/O
X
Shutdown
Table2. Receiving
H: High, L: Low, X: Do not care, Z: High impedance.
In normal RS485 Polarity Status, L2=A and L1=B, otherwise L2=B and L1=A.
INPUTS
OUTPUTS
/RE
DE
VID=VA-VB
RO
L
X
≥-50mV
H
L
X
≤-200mV
L
L
X
Open/Shorted
H
H
H
X
Z
H
L
X
Shutdown


Similar Part No. - UM3487EESA

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM3480 UMC-UM3480 Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
logo
BOWIN ELECTRONIC CO.
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
logo
UMC Corporation
UM3481A UMC-UM3481A Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
More results

Similar Description - UM3487EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3089E UNIONSEMI-UM3089E Datasheet
764Kb / 14P
   짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
UM3087E UNIONSEMI-UM3087E Datasheet
374Kb / 13P
   짹15kV ESD-Protected, Fail-Safe, Hot-Swappable
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com