Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQM6392MZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQM6392MZ
Description  Polyester Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQM6392MZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQM6392MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQM6392MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQM6392MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQM6392MZ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
s Rating, Dimensions & Quantity/Ammo Box
q Rated voltage : 400VDC Capacitance tolerance : ±5%(J), ±10%(K)
Part No.
ECQM4102 MZ( )
ECQM4122 MZ( )
ECQM4152 MZ( )
ECQM4182 MZ( )
ECQM4222 MZ( )
ECQM4272 MZ( )
ECQM4332 MZ( )
ECQM4392 MZ( )
ECQM4472 MZ( )
ECQM4562 MZ( )
ECQM4682 MZ( )
ECQM4822 MZ( )
ECQM4103 MZ( )
ECQM4123 MZ( )
ECQM4153 MZ( )
ECQM4183 MZ( )
ECQM4223 MZ( )
ECQM4273 MZ( )
ECQM4333 MZ( )
ECQM4393 MZ( )
ECQM4473 MZ( )
ECQM4563 MZ( )
ECQM4683 MZ( )
ECQM4823 MZ( )
ECQM4104 MZ( )
ECQM4124 MZ( )
ECQM4154 MZ( )
ECQM4184 MZ( )
ECQM4224 MZ( )
ECQM4274 MZ( )
ECQM4334 MZ( )
ECQM4394 MZ( )
ECQM4474 MZ( )
0.001
11.0
5.5
9.5
14.5
6.50
5.0
2
0.60
0.0012
11.0
6.0
10.0
15.0
6.50
5.0
2
0.60
0.0015
11.0
6.0
10.0
15.0
6.50
5.0
2
0.60
0.0018
11.0
6.0
10.0
15.0
6.50
5.0
2
0.60
0.0022
11.0
6.5
10.5
15.5
6.50
5.0
2
0.60
0.0027
12.0
6.0
10.0
15.0
7.50
5.0
2
0.60
0.0033
12.0
6.5
10.5
15.0
7.50
5.0
2
0.60
0.0039
12.0
6.5
10.5
15.0
7.50
5.0
2
0.60
0.0047
14.0
6.0
10.0
15.0
9.50
5.0
2
0.60
0.0056
14.0
6.0
10.0
15.0
9.50
5.0
2
0.60
0.0068
14.0
6.5
10.5
15.5
9.50
5.0
3
0.60
0.0082
14.0
6.5
12.0
17.0
9.50
5.0
3
0.60
0.01
14.0
7.0
12.5
17.5
9.50
5.0
3
0.60
0.012
17.0
6.0
12.0
17.0
12.50
7.5
3
0.60
0.015
17.0
6.5
12.5
17.5
12.50
7.5
3
0.60
0.018
17.0
7.0
13.0
18.0
12.50
7.5
3
0.60
0.022
17.0
7.5
13.5
18.5
12.50
7.5
3
0.60
0.027
20.0
7.0
14.5
19.5
15.00
10.0
3
0.70
0.033
20.0
7.5
15.0
20.0
15.00
10.0
3
0.70
0.039
20.0
8.5
16.0
21.0
15.00
10.0
3
0.70
0.047
20.0
9.0
16.5
21.5
15.00
10.0
3
0.70
0.056
23.0
8.5
15.5
20.5
18.00
12.5
3
0.70
0.068
23.0
9.0
16.5
21.5
18.00
12.5
3
0.70
0.082
24.0
9.5
17.0
22.0
18.00
12.5
3
0.80
0.1
24.0
10.0
19.0
24.0
18.00
12.5
3
0.80
0.12
24.0
11.0
20.0
25.0
18.50
12.5
3
0.80
0.15
24.0
12.5
21.0
26.0
18.50
12.5
3
0.80
0.18
28.0
12.5
21.5
26.5
23.50
15.0
3
0.80
0.22
28.0
14.0
23.0
28.0
23.50
15.0
3
0.80
0.27
28.0
15.5
24.5
29.5
23.50
15.0
3
0.80
0.33
28.0
17.5
26.5
31.5
23.50
15.0
3
0.80
0.39
34.0
16.0
26.5
31.5
28.50
17.5
3
0.80
0.47
34.0
17.5
28.0
33.0
28.50
17.5
3
0.80
Cap.
(µF)
Dimensions (mm)
Quantity
Lmax.
Tmax.
Hmax.
Type-1 Type-
F
Type-1
S
Type-
Gmax.
Type-1
ød
Ammo
1000
500
400
Suffix for lead crimped or taped type
Cap. tol. code
2
3
2
3
StyleD:0.001 to 0.0039 µF
StyleB:0.0047 to 0.47 µF
StyleN:0.001 to 0.0022 µF
StyleT:0.0027 to 0.47 µF
Mar. 2005


Similar Part No. - ECQM6392MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H273JF PANASONIC-ECQ-B1H273JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQM6392MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H273JF PANASONIC-ECQ-B1H273JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-M2102KZ PANASONIC-ECQ-M2102KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR
logo
Vishay Siliconix
MKT1826 VISHAY-MKT1826 Datasheet
89Kb / 3P
   Metallized Polyester Film Capacitor
Revision 11-Jun-02
logo
Panasonic Semiconductor
ECQ-E2105KB PANASONIC-ECQ-E2105KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com