Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02068-DSH-001-C Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # 02068-DSH-001-C
Description  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

02068-DSH-001-C Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button 02068-DSH-001-C Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. 02068-DSH-001-C Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Functional Description
02068-DSH-001-C
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
Figure 3-5.
Temperature coefficient of IOCA at different ROCA settings
Figure 3-6.
Typical Eye Diagram
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
5000
10000 15000 20000 25000 30000 35000
R
OCA (Ω)


Similar Part No. - 02068-DSH-001-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02068103 MOLEX1-02068103 Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
02068103-C MOLEX1-02068103-C Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
logo
Weidmuller
0206820000 WEIDMULLER-0206820000 Datasheet
88Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0206820000 WEIDMULLER-0206820000 Datasheet
102Kb / 1P
   Fuse terminals
0206820000 WEIDMULLER-0206820000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 02068-DSH-001-C

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com