Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE110A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # P6KE110A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6KE110A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  P6KE110A Datasheet HTML 1Page - Cystech Electonics Corp. P6KE110A Datasheet HTML 2Page - Cystech Electonics Corp. P6KE110A Datasheet HTML 3Page - Cystech Electonics Corp. P6KE110A Datasheet HTML 4Page - Cystech Electonics Corp. P6KE110A Datasheet HTML 5Page - Cystech Electonics Corp. P6KE110A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C758LG
Issued Date : 2009.05.12
Revised Date :2009.06.15
Page No. : 3/6
P6KE6.8 thru P6KE550CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Breakdown Voltage
V(BR)
(V)
1
Device
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient of
V(BR)
(%/°C)
P6KE18
16.2
19.8
1.0
14.5
1.0
22.6
26.5
0.088
P6KE18A
17.1
18.9
1.0
15.3
1.0
23.8
25.2
0.088
P6KE20
18.0
22.0
1.0
16.2
1.0
20.6
29.1
0.090
P6KE20A
19.0
21.0
1.0
17.1
1.0
21.7
27.7
0.090
P6KE22
19.8
24.2
1.0
17.8
1.0
18.8
31.9
0.092
P6KE22A
20.9
23.1
1.0
18.8
1.0
19.6
30.6
0.092
P6KE24
21.6
26.4
1.0
19.4
1.0
17.3
34.7
0.094
P6KE24A
22.8
25.2
1.0
20.5
1.0
18.1
33.2
0.094
P6KE27
24.3
29.7
1.0
21.8
1.0
15.3
29.1
0.096
P6KE27A
25.7
28.4
1.0
23.1
1.0
16.0
37.5
0.096
P6KE30
27.0
33.0
1.0
24.3
1.0
13.8
43.5
0.097
P6KE30A
28.5
31.5
1.0
25.6
1.0
14.5
41.4
0.097
P6KE33
29.7
36.3
1.0
26.8
1.0
12.6
47.7
0.098
P6KE33A
31.4
34.7
1.0
28.2
1.0
13.1
45.7
0.098
P6KE36
32.4
39.6
1.0
29.1
1.0
11.5
52.0
0.099
P6KE36A
34.2
37.8
1.0
30.8
1.0
12.0
49.9
0.099
P6KE39
35.1
42.9
1.0
31.6
1.0
10.6
56.4
0.100
P6KE39A
37.1
41.0
1.0
33.3
1.0
11.1
53.9
0.100
P6KE43
38.7
47.3
1.0
34.8
1.0
9.7
61.9
0.101
P6KE43A
40.9
45.2
1.0
36.8
1.0
10.1
59.3
0.101
P6KE47
42.3
51.7
1.0
38.1
1.0
8.8
67.8
0.101
P6KE47A
44.7
49.4
1.0
40.2
1.0
9.3
64.8
0.101
P6KE51
45.9
56.1
1.0
41.3
1.0
8.2
73.5
0.102
P6KE51A
48.5
53.6
1.0
43.6
1.0
8.6
70.1
0.102
P6KE56
50.4
61.6
1.0
45.4
1.0
7.5
80.5
0.103
P6KE56A
53.2
58.8
1.0
47.8
1.0
7.8
77.0
0.103
P6KE62
55.8
68.2
1.0
50.2
1.0
6.7
89.0
0.104
P6KE62A
58.9
65.1
1.0
53.0
1.0
7.1
85.0
0.104
P6KE68
61.2
74.8
1.0
55.1
1.0
6.1
98.0
0.104
P6KE68A
64.6
71.4
1.0
58.1
1.0
6.5
92.0
0.104
P6KE75
67.5
82.5
1.0
60.7
1.0
5.6
108
0.105
P6KE75A
71.3
78.8
1.0
64.1
1.0
5.8
103
0.105
P6KE82
73.8
90.2
1.0
66.4
1.0
5.1
118
0.105
P6KE82A
77.9
86.1
1.0
70.1
1.0
5.3
113
0.105
P6KE91
81.9
100
1.0
73.7
1.0
4.6
131
0.106
P6KE91A
86.5
95.5
1.0
77.8
1.0
4.8
125
0.106
P6KE100
90.0
110
1.0
81.0
1.0
4.2
144
0.106
P6KE100A
95.0
105
1.0
85.5
1.0
4.4
137
0.106


Similar Part No. - P6KE110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE110A MOTOROLA-P6KE110A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Digitron Semiconductors
P6KE110A DIGITRON-P6KE110A Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
P6KE110A VISHAY-P6KE110A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
StarHope
P6KE110A SPSEMI-P6KE110A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
EIC discrete Semiconduc...
P6KE110A EIC-P6KE110A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE110A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com