Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA220A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # P4SMA220A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P4SMA220A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  P4SMA220A Datasheet HTML 1Page - Cystech Electonics Corp. P4SMA220A Datasheet HTML 2Page - Cystech Electonics Corp. P4SMA220A Datasheet HTML 3Page - Cystech Electonics Corp. P4SMA220A Datasheet HTML 4Page - Cystech Electonics Corp. P4SMA220A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C767SA
Issued Date : 2009.05.19
Revised Date :2010.01.14
Page No. : 2/5
P4SMA6.8A thru P4SMA550CA
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted.
VF=3.5V at IF=25A (uni-directional only)
Device
Marking
Code
Breakdown
Voltage
V(BR)
(V)
1
Device
UNI
BI
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient
of
V(BR)
(%/°C)
P4SMA6.8A
6V8A 6V8C 6.45
7.14
10
5.80
1000
57.1
10.5
0.057
P4SMA7.5A
7V5A 7V5C 7.13
7.88
10
6.40
500
53.1
11.3
0.061
P4SMA8.2A
8V2A 8V2C 7.79
8.61
10
7.02
200
49.6
12.1
0.065
P4SMA9.1A
9V1A 9V1C 8.65
9.55
1.0
7.78
50
44.8
13.4
0.068
P4SMA 10A
10A
10C
9.50
10.5
1.0
8.55
10
41.4
14.5
0.073
P4SMA 11A
11A
11C
10.5
11.6
1.0
9.40
5.0
38.5
15.6
0.075
P4SMA 12A
12A
12C
11.4
12.6
1.0
10.2
5.0
35.9
16.7
0.078
P4SMA 13A
13A
13C
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
P4SMA 15A
15A
15C
14.3
15.8
1.0
12.8
1.0
28.3
21.2
0.084
P4SMA 16A
16A
16C
15.2
16.8
1.0
13.6
1.0
26.7
22.5
0.086
P4SMA 18A
18A
18C
17.1
18.9
1.0
15.3
1.0
23.8
25.2
0.088
P4SMA 20A
20A
20C
19.0
21.0
1.0
17.1
1.0
21.7
27.7
0.090
P4SMA 22A
22A
22C
20.9
23.1
1.0
18.8
1.0
19.6
30.6
0.092
P4SMA 24A
24A
24C
22.8
25.2
1.0
20.5
1.0
18.1
33.2
0.094
P4SMA 27A
27A
27C
25.7
28.4
1.0
23.1
1.0
16.0
37.5
0.096
P4SMA 30A
30A
30C
28.5
31.5
1.0
25.6
1.0
14.5
41.4
0.097
P4SMA 33A
33A
33C
31.4
34.7
1.0
28.2
1.0
13.1
45.7
0.098
P4SMA 36A
36A
36C
34.2
37.8
1.0
30.8
1.0
12.0
49.9
0.099
P4SMA 39A
39A
39C
37.1
41.0
1.0
33.3
1.0
11.1
53.9
0.100
P4SMA 43A
43A
43C
40.9
45.2
1.0
36.8
1.0
10.1
59.3
0.101
P4SMA 47A
47A
47C
44.7
49.4
1.0
40.2
1.0
9.3
64.8
0.101
P4SMA 51A
51A
51C
48.5
53.6
1.0
43.6
1.0
8.6
70.1
0.102
P4SMA 56A
56A
56C
53.2
58.8
1.0
47.8
1.0
7.8
77.0
0.103
P4SMA 62A
62A
62C
58.9
65.1
1.0
53.0
1.0
7.1
85.0
0.104
P4SMA 68A
68A
68C
64.6
71.4
1.0
58.1
1.0
6.5
92.0
0.104
P4SMA 75A
75A
75C
71.3
78.8
1.0
64.1
1.0
5.8
103
0.105
P4SMA 82A
82A
82C
77.9
86.1
1.0
70.1
1.0
5.3
113
0.105
P4SMA 91A
91A
91C
86.5
95.5
1.0
77.8
1.0
4.8
125
0.106
P4SMA 100A 100A 100C
95.0
105
1.0
85.5
1.0
4.4
137
0.106
P4SMA 110A 110A
110C
105
116
1.0
94.0
1.0
3.9
152
0.107
P4SMA 120A 120A 120C
114
126
1.0
102
1.0
3.6
165
0.107
P4SMA 130A 130A 130C
124
137
1.0
111
1.0
3.4
179
0.107
P4SMA 150A 150A 150C
143
158
1.0
128
1.0
2.9
207
0.108
P4SMA 160A 160A 160C
152
168
1.0
136
1.0
2.7
219
0.108
P4SMA 170A 170A 170C
162
179
1.0
145
1.0
2.6
234
0.108
P4SMA 180A 180A 180C
171
189
1.0
154
1.0
2.4
246
0.108
P4SMA 200A 200A 200C
190
210
1.0
171
1.0
2.2
274
0.108


Similar Part No. - P4SMA220A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P4SMA220A SEMITECH-P4SMA220A Datasheet
493Kb / 5P
   Low profile package
logo
GOOD-ARK Electronics
P4SMA220A GOOD-ARK-P4SMA220A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
P4SMA220A UNSEMI-P4SMA220A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
P4SMA220A LITTELFUSE-P4SMA220A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Socay Electornics Co., ...
P4SMA220A SOCAY-P4SMA220A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P4SMA220A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com