Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB13A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # P6SMB13A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6SMB13A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  P6SMB13A Datasheet HTML 1Page - Cystech Electonics Corp. P6SMB13A Datasheet HTML 2Page - Cystech Electonics Corp. P6SMB13A Datasheet HTML 3Page - Cystech Electonics Corp. P6SMB13A Datasheet HTML 4Page - Cystech Electonics Corp. P6SMB13A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C766SB
Issued Date : 2009.05.18
Revised Date :
Page No. : 3/5
P6SMB6.8A thru P6SMB550CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Device
Marking
Code
Breakdown
Voltage
V(BR)
(V)
1
Device
UNI
BI
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient
of
V(BR)
(%/°C)
P6SMB220A 220A 220C
209
231
1.0
185
1.0
1.8
328
0.108
P6SMB250A
250A 250C
237
263
1.0
214
1.0
1.7
344
0.108
P6SMB300A
300A 300C
285
315
1.0
256
1.0
1.4
414
0.108
P6SMB350A
350A 350C
333
368
1.0
300
1.0
1.2
482
0.108
P6SMB400A
400A 400C
380
420
1.0
342
1.0
1.1
548
0.108
P6SMB440A
440A 440C
418
462
1.0
376
1.0
1.0
602
0.108
P6SMB480A
480A 480C
456
504
1.0
408
1.0
0.9
658
0.108
P6SMB510A
510A 510C
485
535
1.0
434
1.0
0.9
698
0.108
P6SMB530A
530A 530C 503.5 556.5
1.0
450
1.0
0.8
725
0.108
P6SMB540A
540A 540C
513
567
1.0
459
1.0
0.8
740
0.108
P6SMB550A
550A 550C 522.5 577.5
1.0
495
1.0
0.8
760
0.108
Note: 1.V(BR) measured after IT applied for 300μs, IT=square wave pulse or equivalent
2.Surge current waveform per Fig. 3 and derate per Fig.2
3.For bidirectional types with VWM of 10 volts and less, the ID limit is doubled
4.All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - P6SMB13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB13A CENTRAL-P6SMB13A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB13A VISHAY-P6SMB13A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Littelfuse
P6SMB13A LITTELFUSE-P6SMB13A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P6SMB13A LUGUANG-P6SMB13A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
P6SMB13A YFWDIODE-P6SMB13A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results

Similar Description - P6SMB13A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com