Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1084A-1.5F3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # PL1084A-1.5F3
Description  5A Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1084A-1.5F3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL1084A-1.5F3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1084A-1.5F3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1084A-1.5F3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1084A-1.5F3 Datasheet HTML 4Page - Cystech Electonics Corp. PL1084A-1.5F3 Datasheet HTML 5Page - Cystech Electonics Corp. PL1084A-1.5F3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C547F3
Issued Date : 2007.09.26
Revised Date
Page No. : 3/6
PL1084A-XXXF3
CYStek Product Specification
Note: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead =1/18” from the package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined
by the difference between input and output and the output current. Guaranteed maximum power dissipation will not be
over the full input/output range.
Block Diagram
Functional Description
Introduction
The PL1084A adjustable Low Dropout(LDO) regulator is a 3 terminal device that can easily be programmed with the
addition of two external resistors to any voltages within the range of 1.25V to 2.5V. The PL1084A only needs 1.5V
differential between Vin and Vout to maintain output regulation. In addition, the output voltage tolerances are also
extremely tight and they include the transient response as part of the specification. For example, Intel VRE
specification calls for a total of ±100mV including initial tolerance, load regulation and 0 to 5A load step. The
PL1084A is specifically designed to meet the fast current transient needs as well as providing an accurate initial
voltage, reducing the overall system cost with the need for fewer output capacitors.
Output Voltage Setting
The PL1084A can be programmed to any voltages in the range of 1.25V to 5V with the addition of R1 and R2
external resistors according to the following formula:
Vout=Vref(1+R2/R1)+Iadj*R2, where Vref=1.25V typically, Iadj=55μA typically
The PL1084A keeps a constant 1.25V between the output pin and the adjust pin. By placing a resistor R1 across these
two pins, a constant current flows through R1, adding to the Iadj current requirement of the PL1084A. R1 is typically
selected to be 121Ω resistor so that it automatically satisfies the minimum current requirement. Notice that since
Iadj is typically in the range of 55μA, it only adds a small error to the output voltage and should only be considered
when a very precise output voltage setting is required. For example, in a typical 3.3V application where R1=121Ω
and R2=200Ω, the error due to Iadj is only 0.3% of the nominal set point.


Similar Part No. - PL1084A-1.5F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5E3 CYSTEKEC-PL1084-1.5E3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5F3 CYSTEKEC-PL1084-1.5F3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5J3 CYSTEKEC-PL1084-1.5J3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1084A-1.5F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com