Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

214X4-DSH-001-D Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # 214X4-DSH-001-D
Description  SD, HD, and 3G Cable Equalizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

214X4-DSH-001-D Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button 214X4-DSH-001-D Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product Specification
214x4-DSH-001-D
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
Table 1-6.
High Speed Output Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
tr/tf
Rise/Fall Time (20%–80%), M21404
1, 2, 7
500
675
ps
Rise/Fall Time (20%–80%), M21414, M21424
1, 2, 7
100
120
ps
tr/tfmm
Rise/Fall Time Mismatch, M21404
1, 2, 7
0
70
ps
Rise/Fall Time Mismatch, M21414, M21424
1, 2, 7
0
30
ps
DCDO
Duty Cycle Distortion (DCD), M21404
1, 2, 5, 6
0
50
ps
Duty Cycle Distortion (DCD), M21414, M21424
1, 2, 5, 6
0
15
ps
VOD
Differential Output Voltage p-p
HiSwEn = 0 (750mV)
1, 3
600
750
950
mV
VOCM
Common mode Voltage
HiSwEn = 0 (750mV)
1, 3, 4
AVDD – 0.205
V
VOD
Differential Output Voltage p-p
HiSwEn = 1 (1050mV)
1, 3
850
1050
1270
mV
VOCM
Common mode Voltage
HiSwEn = 1 (1050mV)
1, 3, 4
AVDD – 0.290
V
ZO
Internal Output Termination Resistance to AVDD
140
50
60
Ω
NOTES:
1.
Specified at recommended operation conditions—see Table 1-2.
2.
With 100
Ω differential termination.
3.
With 50
Ω to AV
DD termination.
4.
Outputs DC-coupled.
5.
Duty Cycle Distortion (DCD) is defined as the difference in the intrinsic jitter at the 50% voltage level and the intrinsic jitter at the rising/falling
edge crossing point. If the rising/falling edge crossing point is at the 50% voltage level, then DCD = 0.
6.
Measured with a 1010 pattern.
7.
Measured with a PRBS23 pattern.


Similar Part No. - 214X4-DSH-001-D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - 214X4-DSH-001-D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
   SD, HD, and 3G Cable Equalizers
212X4-DSH-001-B MA-COM-212X4-DSH-001-B Datasheet
282Kb / 19P
   M21204/M21214 SD and HD Cable Equalizers
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
   SD, HD, 3G Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com