Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP4403Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP4403Q8
Description  MTP4403Q8 CYStek Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP4403Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP4403Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP4403Q8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C791Q8
Issued Date : 2010.07.16
Revised Date : 2011.03.21
Page No. : 1/7
MTP4403Q8
CYStek Product Specification
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
MTP4403Q8
BVDSS
-30V
RDSON(MAX) 50mΩ
ID
-6.1A
Description
The MTP4403Q8 is a P-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
Features
• RDS(ON)=50mΩ@VGS=-10V, ID=-6.1A
RDS(ON)=61mΩ@VGS=-4.5V, ID=-5A
• Simple drive requirement
• Low gate charge
• Low voltage drive (2.5V)
• Low on-resistance
• Fast switching speed
• Pb-free lead plating package
Equivalent Circuit
Outline
MTP4403Q8
S:Source
D:Drain
G:Gate
SOP-8
Ordering Information
Device
Package
Shipping
MTP4403Q8
SOP-8
(Pb-free lead plating package)
3000 pcs / Tape & Reel


Similar Part No. - MTP4403Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP4403SQ8 CYSTEKEC-MTP4403SQ8 Datasheet
628Kb / 7P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - MTP4403Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com