Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835-IF145.0M-D Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 835-IF145.0M-D
Description  145.00MHz IF SAW Filter 9.24 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF145.0M-D Datasheet(HTML) 4 Page - Oscilent Corporation

  835-IF145.0M-D Datasheet HTML 1Page - Oscilent Corporation 835-IF145.0M-D Datasheet HTML 2Page - Oscilent Corporation 835-IF145.0M-D Datasheet HTML 3Page - Oscilent Corporation 835-IF145.0M-D Datasheet HTML 4Page - Oscilent Corporation 835-IF145.0M-D Datasheet HTML 5Page - Oscilent Corporation 835-IF145.0M-D Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
835-IF145.0M-D
January 2011 Rev A
145.00MHz IF SAW Filter 9.24 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –50.0 dB
Relative Attenuation


Similar Part No. - 835-IF145.0M-D

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF145.0M-10B OSCILENT-835-IF145.0M-10B Datasheet
216Kb / 6P
   145.00MHz IF SAW Filter 9.18 MHz Bandwidth
835-IF145.0M-C OSCILENT-835-IF145.0M-C Datasheet
221Kb / 6P
   145.00MHz IF SAW Filter 9.20 MHz Bandwidth
More results

Similar Description - 835-IF145.0M-D

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF145.0M-C OSCILENT-835-IF145.0M-C Datasheet
221Kb / 6P
   145.00MHz IF SAW Filter 9.20 MHz Bandwidth
835-IF145.0M-10B OSCILENT-835-IF145.0M-10B Datasheet
216Kb / 6P
   145.00MHz IF SAW Filter 9.18 MHz Bandwidth
logo
API Technologies Corp
SF0078BA03112S APITECH-SF0078BA03112S Datasheet
161Kb / 3P
   77.8 MHz SAW Filter 9.24 MHz Bandwidth
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF75.0M-30A OSCILENT-821-IF75.0M-30A Datasheet
499Kb / 6P
   75.0 MHz IF SAW Filter 29.97 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com