Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

827-IF140.0M-143A Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 827-IF140.0M-143A
Description  140HMz IF SAW Filter 14.5 MHz Bandwidth
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

827-IF140.0M-143A Datasheet(HTML) 4 Page - Oscilent Corporation

  827-IF140.0M-143A Datasheet HTML 1Page - Oscilent Corporation 827-IF140.0M-143A Datasheet HTML 2Page - Oscilent Corporation 827-IF140.0M-143A Datasheet HTML 3Page - Oscilent Corporation 827-IF140.0M-143A Datasheet HTML 4Page - Oscilent Corporation 827-IF140.0M-143A Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oscilent Part Number
827-IF140.0M-143A
January 2011 Rev A
140HMz IF SAW Filter 14.5 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Ripple (Fo
±6.875MHz)
Group Delay (Fo
±6.875MHz)


Similar Part No. - 827-IF140.0M-143A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
827-IF140.0M-48A OSCILENT-827-IF140.0M-48A Datasheet
141Kb / 5P
   140HMz IF SAW Filter 5.0 MHz Bandwidth
827-IF140.0M-E OSCILENT-827-IF140.0M-E Datasheet
147Kb / 2P
   Base Station & Repeater
More results

Similar Description - 827-IF140.0M-143A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
827-IF140.0M-48A OSCILENT-827-IF140.0M-48A Datasheet
141Kb / 5P
   140HMz IF SAW Filter 5.0 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA02370S ICST-SF0140BA02370S Datasheet
97Kb / 2P
   140 MHz SAW Bandpass Filter 14.5 MHz bandwidth
logo
API Technologies Corp
SF0140BA02370S APITECH-SF0140BA02370S Datasheet
102Kb / 2P
   140 MHz SAW Bandpass Filter 14.5 MHz bandwidth
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF75.0M-30A OSCILENT-821-IF75.0M-30A Datasheet
499Kb / 6P
   75.0 MHz IF SAW Filter 29.97 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com