Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-IF79.92M-16A Datasheet(PDF) 5 Page - Oscilent Corporation

Part # 821-IF79.92M-16A
Description  79.92 MHz IF SAW Filter 16.24 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF79.92M-16A Datasheet(HTML) 5 Page - Oscilent Corporation

  821-IF79.92M-16A Datasheet HTML 1Page - Oscilent Corporation 821-IF79.92M-16A Datasheet HTML 2Page - Oscilent Corporation 821-IF79.92M-16A Datasheet HTML 3Page - Oscilent Corporation 821-IF79.92M-16A Datasheet HTML 4Page - Oscilent Corporation 821-IF79.92M-16A Datasheet HTML 5Page - Oscilent Corporation 821-IF79.92M-16A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oscilent Part Number
821-IF79.92M-16A
January 2011 Rev A
79.92 MHz IF SAW Filter 16.24 MHz Bandwidth
Product Specification
P. 4
www.oscilent.com
Ripple Variation Fo±7.56MHz
Group Delay Variation Fo±7.56MHz
Smith Chart


Similar Part No. - 821-IF79.92M-16A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF70.0M-05A OSCILENT-821-IF70.0M-05A Datasheet
222Kb / 6P
   70.0 MHz IF SAW Filter 5.40 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
   70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
821-IF70.0M-07B OSCILENT-821-IF70.0M-07B Datasheet
219Kb / 6P
   70.0 MHz IF SAW Filter 7.62 MHz Bandwidth
821-IF70.0M-10B OSCILENT-821-IF70.0M-10B Datasheet
271Kb / 6P
   70.0 MHz IF SAW Filter 10.40 MHz Bandwidth
821-IF70.0M-14A OSCILENT-821-IF70.0M-14A Datasheet
180Kb / 6P
   70.0 MHz IF SAW Filter 14.0MHz Bandwidth
More results

Similar Description - 821-IF79.92M-16A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA08016AD1 TRANSKO-TA08016AD1 Datasheet
531Kb / 4P
   79.92 MHz IF SAW Filter / 16.24 MHz Bandwidth
Revision 0: 11. Mar. 2009
TA12016BD TRANSKO-TA12016BD Datasheet
648Kb / 4P
   120.0 MHz IF SAW Filter / 16.24 MHz Bandwidth
Revision 0: 19. Jan. 2010
logo
Oscilent Corporation
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF120.0M-15B OSCILENT-821-IF120.0M-15B Datasheet
219Kb / 6P
   120.0 MHz IF SAW Filter 15.90 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com