Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VP6F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QS18VP6F
Description  Miniature self-contained photoelectric sensors in universal housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QS18VP6F Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensions and Features
Models E, EV, R, and FF
Models EB and RB
Models DB and W
Model Suffix E, EV, R, and FF
15.0 mm
(0.59")
31.0 mm
(1.22")
3.0 mm
(0.12")
17.1 mm
(0.67")
24.1 mm
(0.95")
35.0 mm
(1.38")
Yellow
LED
Green
LED
Ø3.3 mm (0.13")
Max. torque 0.6 Nm (5 in-lbs)
Model Suffix EB, RB
3.0 mm
(0.12")
21.1 mm
(0.82")
Model Suffix DB, W
3.0 mm
(0.12")
21.1 mm
(0.82")
Models FP
Models CV15, CV45, D, LV, and LP
Models F
Model Suffix FP
15.0 mm
(0.59")
7.5 mm
(0.30")
13.4 mm
(0.53")
7.6 mm
(0.30")
17.1 mm
(0.67")
27.5 mm
(1.09")
5.2 mm
(0.21")
31.0 mm
(1.22")
3.0 mm
(0.12")
CV Models:
33.2 mm (1.31")
Model Suffix CV15, CV45, D, LV, LP
Single-turn
Sensitivity
Adjustment
M18x1 Thread
Max. torque 2.3 Nm (20 in-lbs)
Model Suffix F
17.1 mm
(0.67")
36.9 mm
(1.45")
19.8 mm
(0.78")
Slot for
Fiber Clip
Model Suffix Q7
Model Suffix Q8
Model Suffix Q
(e.g. QS186EQ)
Model Suffix Q5
(e.g. QS186EQ5)
(e.g. QS186EQ7)
(e.g. QS186EQ8)
150 mm (6")
Pico-style
Pigtail
150 mm (6")
Euro-style
Pigtail
41.5 mm
(1.63")
49 mm
(1.93")
Integral
4-pin
Pico-Style QD
Integral
4-pin
Euro-Style QD
M18 x 1 Jam Nut
Packing List
8.0 mm
(0.32")
24.2 mm
(0.95")
M3 hardware packet contents:
2 - M3 x 0.5 x 20 mm stainless steel screw
2 - M3 x 0.5 stainless steel hex nut
2 - M3 stainless steel washer
Sensor
M18 x 1 jam nut
M3 hardware packet
Installation sheet, p/n 63687
WORLD-BEAM QS18
4
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H


Similar Part No. - QS18VP6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6F ETC2-QS18VP6F Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6F ETC2-QS18VP6F Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6FF100 ETC2-QS18VP6FF100 Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6FF100 ETC2-QS18VP6FF100 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS18VP6FF100 ETC2-QS18VP6FF100 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VP6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com