Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP3413N3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTP3413N3
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3413N3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTP3413N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP3413N3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C394N3
Issued Date : 2012.01.19
Revised Date : 2014.03.04
Page No. : 4/9
MTP3413N3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
0
1
23
45
-VDS, Drain-Source Voltage(V)
-VGS=1.5V
-VGS=1.8V
5V
4.5V
4V
3.5V
3V
2.5V
Brekdown Voltage vs Ambient Temperature
20
22
24
26
28
30
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
VGS=-10V
VGS=-1.8V
VGS=-4.5V
VGS=-2.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
-IDR, Reverse Drain Current (A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
02
46
8
10
Drain-Source On-State Resistance vs Junction Tempearture
20
30
40
50
60
70
80
90
100
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
VGS=-1.8V, ID=-2A
VGS=-4.5V, ID=-4.3A
VGS=-2.5V, ID=-2.5A
-VGS, Gate-Source Voltage(V)
ID=-4.3A
ID=-2.5A
ID=-0.2A


Similar Part No. - MTP3413N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP3413SN3 CYSTEKEC-MTP3413SN3 Datasheet
360Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTP3413N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com