Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VN6R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QS18VN6R
Description  Miniature self-contained photoelectric sensors in universal housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VN6R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QS18VN6R Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18VN6R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Diffuse (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...D
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
QS18...D
Diffuse Mode
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...DB
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18...DB
Diffuse Mode
Divergent (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...W
Divergent
Diffuse Mode
100 mm
4.0 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Divergent
Diffuse Mode
QS18...W
Fixed Field - 50 mm
Fixed Field - 100 mm
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF50
Fixed-Field
N/A
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF100
Fixed-Field
N/A
Opposed - Plastic Fiber
Bifurcated - Plastic Fiber (Performance is based on a 90% re-
flectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18..FP
QS18..FP
Opposed Mode
Plastic Fibers
PIT66U Fiber
PIT46U Fiber
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
50 mm
2 in
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8 in
1.6 in
2.4 in
0.8 in
1.6 in
2.4 in
DISTANCE
QS18..FP
QS18..FP
PIT46U
PIT66U
Opposed Mode
Plastic Fibers
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Diffuse Mode
Plastic Fibers
PBT66U Fiber
PBT46U Fiber
QS18..FP
QS18..FP
100 mm
4.8 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18..FP
QS18..FP
PBT46U
PBT66U
Diffuse Mode
Plastic Fibers
WORLD-BEAM QS18
6
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H


Similar Part No. - QS18VN6R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VN6R ETC2-QS18VN6R Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VN6R ETC2-QS18VN6R Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6RB ETC2-QS18VN6RB Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VN6RB ETC2-QS18VN6RB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VN6R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com