Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTDNK2N6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTDNK2N6
Description  Dual N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDNK2N6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTDNK2N6 Datasheet HTML 1Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 2Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 3Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 4Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 5Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 6Page - Cystech Electonics Corp. MTDNK2N6 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C446N6
Issued Date : 2009.06.15
Revised Date : 2013.09.06
Page No. : 2/7
MTDNK2N6
CYStek Product Specification
Electrical Characteristics (Ta=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVDSS
60
-
-
V
VGS=0V, ID=250μA
VGS(th)
1
1.6
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±5
μA
VGS=±20V, VDS=0V
IDSS
-
-
1
μA
VDS=60V, VGS=0V
IDSS
-
-
10
μA
VDS=48V, VGS=0V, Tj=125℃
-
1.4
2
ID=100mA, VGS=5V
*RDS(ON)
-
1.1
1.6
Ω
ID=500mA, VGS=10V
*GFS
200
-
-
mS
VDS=10V, ID=200mA
Ciss
-
62.7
-
Coss
-
17.6
-
Crss
-
9
-
pF
VDS=25V, VGS=0, f=1MHz
td(ON)
-
8
20
tr
-
7
20
td(OFF)
-
13
20
tf
-
6
20
ns
VDS=25V, ID=0.25A,
VGS=10V, RG=25Ω
Qg
-
1.1
-
Qgs
-
0.2
-
Qgd
-
0.4
-
nC
VDS=25V, ID=0.51A,
VGS=10V,
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Source Drain Diode
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
*IS
-
-
0.51
*ISM
-
-
1.5
A
*VSD
-
0.87
1.2
V
IS=510mA,VGS=0V
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
MTDNK2N6-0-T1-G
SOT-26
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel


Similar Part No. - MTDNK2N6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN1034C6 CYSTEKEC-MTDN1034C6 Datasheet
316Kb / 8P
   N-CHANNEL MOSFET (dual transistors)
MTDN138ZS6R CYSTEKEC-MTDN138ZS6R Datasheet
281Kb / 7P
   N-Channel MOSFET (dual transistors)
MTDN3018S6R CYSTEKEC-MTDN3018S6R Datasheet
263Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
MTDN3154C6 CYSTEKEC-MTDN3154C6 Datasheet
358Kb / 8P
   N-CHANNEL MOSFET (dual transistors)
MTDN3154C6-0-T1-G CYSTEKEC-MTDN3154C6-0-T1-G Datasheet
358Kb / 8P
   N-CHANNEL MOSFET (dual transistors)
More results

Similar Description - MTDNK2N6

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com