Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA240N055T Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA240N055T
Description  TrenchMV Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA240N055T Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA240N055T Datasheet HTML 1Page - IXYS Corporation IXTA240N055T Datasheet HTML 2Page - IXYS Corporation IXTA240N055T Datasheet HTML 3Page - IXYS Corporation IXTA240N055T Datasheet HTML 4Page - IXYS Corporation IXTA240N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA240N055T
IXTP240N055T
Fig. 7. Input Admittance
0
30
60
90
120
150
180
210
240
270
3
3.5
4
4.5
5
5.5
6
6.5
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
20
40
60
80
100
120
140
160
180
200
0
40
80
120
160
200
240
280
ID - Amperes
TJ = - 40ºC
25ºC
150ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
30
60
90
120
150
180
210
240
270
300
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
QG - NanoCoulombs
VDS = 27.5V
I D = 25A
I G = 10mA
Fig. 11. Capacitance
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Maximum Transient Thermal
Impedance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds


Similar Part No. - IXTA240N055T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA240N055T ISC-IXTA240N055T Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA240N055T7 IXYS-IXTA240N055T7 Datasheet
168Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTA240N055T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ200N085T IXYS-IXTQ200N085T Datasheet
211Kb / 5P
   TrenchMV Power MOSFET
IXTC200N10T IXYS-IXTC200N10T Datasheet
191Kb / 5P
   TrenchMV Power MOSFET
IXTC280N055T IXYS-IXTC280N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
IXTP44N10T IXYS-IXTP44N10T Datasheet
192Kb / 5P
   TrenchMV??Power MOSFET
IXTP182N055T IXYS-IXTP182N055T Datasheet
227Kb / 6P
   TrenchMV??Power MOSFET
IXTQ250N075T IXYS-IXTQ250N075T Datasheet
209Kb / 5P
   TrenchMV Power MOSFET
IXTH240N055T IXYS-IXTH240N055T Datasheet
210Kb / 5P
   TrenchMV Power MOSFET
IXTV200N10T IXYS-IXTV200N10T Datasheet
220Kb / 5P
   TrenchMV Power MOSFET
IXTC220N055T IXYS-IXTC220N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
IXTP200N075T IXYS-IXTP200N075T Datasheet
221Kb / 5P
   TrenchMV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com