Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTDN8233CDV8 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # MTDN8233CDV8
Description  Common Drain Dual N -Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDN8233CDV8 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  MTDN8233CDV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTDN8233CDV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C911V8
Issued Date : 2013.12.02
Revised Date :
Page No. : 8/9
MTDN8233CDV8
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - MTDN8233CDV8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
   Dual N -Channel Enhancement Mode MOSFET
More results

Similar Description - MTDN8233CDV8

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN8822 SYNC-POWER-SPN8822 Datasheet
241Kb / 8P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
SPN8205W SYNC-POWER-SPN8205W Datasheet
265Kb / 7P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTA012A02CDV8 CYSTEKEC-MTA012A02CDV8 Datasheet
443Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN8822A SYNC-POWER-SPN8822A Datasheet
226Kb / 9P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTA012A02CDN6 CYSTEKEC-MTA012A02CDN6 Datasheet
490Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN8206 SYNC-POWER-SPN8206 Datasheet
368Kb / 8P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN5820Z6 CYSTEKEC-MTDN5820Z6 Datasheet
358Kb / 9P
   20V Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO8822 AOSMD-AO8822 Datasheet
118Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field
logo
ACE Technology Co., LTD...
ACE636B ACE-ACE636B Datasheet
505Kb / 5P
   Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
   Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com