Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTDK5S6R Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTDK5S6R
Description  ESD protected Dual N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDK5S6R Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTDK5S6R Datasheet HTML 1Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 2Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 3Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 4Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 5Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 6Page - Cystech Electonics Corp. MTDK5S6R Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C800S6R
Issued Date : 2010.03.29
Revised Date : 2013.03.28
Page No. : 5/7
MTDK5S6R
CYStek Product Specification
Reel Dimension
Carrier Tape Dimension


Similar Part No. - MTDK5S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDK1S6R CYSTEKEC-MTDK1S6R Datasheet
262Kb / 7P
   N-CHANNEL MOSFET (dual transistors)
MTDK3S6R CYSTEKEC-MTDK3S6R Datasheet
251Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTDK6S6R CYSTEKEC-MTDK6S6R Datasheet
465Kb / 9P
   N-CHANNEL MOSFET
MTDK6S6R-0-T1-G CYSTEKEC-MTDK6S6R-0-T1-G Datasheet
465Kb / 9P
   N-CHANNEL MOSFET
MTDK8S6R CYSTEKEC-MTDK8S6R Datasheet
450Kb / 10P
   N-CHANNEL MOSFET
More results

Similar Description - MTDK5S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3C3 CYSTEKEC-MTNK3C3 Datasheet
275Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTDK3S6R CYSTEKEC-MTDK3S6R Datasheet
251Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZW3 CYSTEKEC-MTN2002ZW3 Datasheet
269Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTN2002ZS3 CYSTEKEC-MTN2002ZS3 Datasheet
267Kb / 6P
   ESD protected N-CHANNEL MOSFET
MTNK3N3 CYSTEKEC-MTNK3N3 Datasheet
277Kb / 7P
   ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
   ESD protected N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM6968SD TSC-TSM6968SD_08 Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6988D TSC-TSM6988D_08 Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com