Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6262 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6262
Description  Two-Phase Core Regulator for IMVP-6 Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6262 Datasheet HTML 4Page - Intersil Corporation ISL6262 Datasheet HTML 5Page - Intersil Corporation ISL6262 Datasheet HTML 6Page - Intersil Corporation ISL6262 Datasheet HTML 7Page - Intersil Corporation ISL6262 Datasheet HTML 8Page - Intersil Corporation ISL6262 Datasheet HTML 9Page - Intersil Corporation ISL6262 Datasheet HTML 10Page - Intersil Corporation ISL6262 Datasheet HTML 11Page - Intersil Corporation ISL6262 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
FN9199.2
May 15, 2006
Functional Block Diagram
1
-
DAC
GND
COMP
SOFT
MODE
CONTROL
SOFT
VIN
FB
E/A
-
PGOOD
PGOOD
MONITOR
AND LOGIC
RTN
MODULATOR
MODULATOR
VIN
VSOFT
VIN
PHASE
CONTROL
LOGIC
CURRENT
BALANCE
VW
PHASE
SEQUENCER
ISEN1
VO
VIN
FLT
RBIAS
VDD
ISEN2
VO
DROOP
-
VO
VDIFF
VSEN
OC
I_BALF
PGD_IN
DACOUT
CLK_EN#
54µA
1
-
OC
VIN
VSOFT
OC
1.2V
10µA
VO
DRIVER
LOGIC
PVCC
DRIVER
LOGIC
PVCC
FLT
PVCC
VSOFT
SINGLE
PHASE
FB2
3V3
PVCC
PVCC
PVCC
ULTRA-
SONIC
TIMER
0.5
-
SINGLE
PHASE
Vw
Vw
CH1
CH2
CH1
CH2
PGOOD
FLT
FAULT AND
PGOOD
LOGIC
6µA
1.18V
FIGURE 1. SIMPLIFIED FUNCTION BLOCK DIAGRAM OF ISL6262
SINGLE
PHASE
ISL6262


Similar Part No. - ISL6262

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
ISL6262A INTERSIL-ISL6262A Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
More results

Similar Description - ISL6262

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com