Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC1SAD1L0Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IPC1SAD1L0Y
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPC1SAD1L0Y Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IPC1SAD1L0Y Datasheet HTML 1Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 2Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 3Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 4Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 5Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 6Page - List of Unclassifed Manufacturers IPC1SAD1L0Y Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APEM
www.apem.com
B1-17
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Square - illuminated
MODEL
STRUCTURE
• High brightness illumination
• Five LED colours
• Tin plated LED terminals
Solder lug terminals
Ø12.00x0.75SI
(.047)
(.015)
2.00
(.078)
5.08
(.200)
1.20
0.40
EPOXY
(.472DIAx0.75IS)
12.00
(.472SQ)
17.50
(.688SQ)
© Flat
IPC3SAD
Normally Open
Sealed flying lead terminals
Ø12.00x0.75SI
(.688SQ)
(.472DIAx0.75IS)
12.00
(.472SQ)
17.50
© Flat
IPC3FAD
Normally Open
Wire colours : black : NO contact, red : LED anode(+), blue : LED cathode(-)
Cathode
(-)
LED
ACTUATOR COLOURS
1
: blue - B : dark blue - 2 : black - 3 : green - 4 : grey
5
: yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome
LED COLOURS
OPTIONS
L0S
: super red - L0Y : yellow - L0G : green - L0B : blue
L0W
: white
100
: Satin chrome bezel
101
: Bright chrome bezel
APPROVAL
UL
Consult factory for details of approved models. To order
switches marked UL, complete above box with ”UL”.
Also available with straight PC terminals : IPC3PAD
LED colour is indicated by the bottom of the switch.
Shown with standard flying lead terminals.
For THIN flying leads, replace F with W.


Similar Part No. - IPC1SAD1L0Y

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC100N04S4-02 INFINEON-IPC100N04S4-02 Datasheet
242Kb / 9P
   N-channel - Enhancement mode
Rev. 1.0 2015-05-22
IPC100N04S4-02 INFINEON-IPC100N04S4-02_15 Datasheet
242Kb / 9P
   N-channel - Enhancement mode
Rev. 1.0 2015-05-22
IPC100N04S5-1R2 INFINEON-IPC100N04S5-1R2 Datasheet
428Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.3 2017-08-03
IPC100N04S5-1R7 INFINEON-IPC100N04S5-1R7 Datasheet
426Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.3 2017-08-03
IPC100N04S5-1R9 INFINEON-IPC100N04S5-1R9 Datasheet
462Kb / 9P
   OptiMOS??5 Power-Transistor
Rev. 1.1 2016-09-07
More results

Similar Description - IPC1SAD1L0Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
   Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
   Cordsets For Harsh Environments
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com