Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA160CA Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # P4SMA160CA
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4SMA160CA Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  P4SMA160CA Datasheet HTML 1Page - Bruckewell Technology LTD P4SMA160CA Datasheet HTML 2Page - Bruckewell Technology LTD P4SMA160CA Datasheet HTML 3Page - Bruckewell Technology LTD P4SMA160CA Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( Rating at 25 °C ambient temperature unless otherwise specified)
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(μA)
(A)
(V)
(% /
°C)
P4SMA6.8C
6.12
7.48
10
5.50
2000
38.0
10.8
0.057
P4SMA6.8CA
6.45
7.14
10
5.80
2000
40.0
10.5
0.057
P4SMA7.5C
6.75
8.25
10
6.05
1000
36.0
11.7
0.061
P4SMA7.5CA
7.13
7.88
10
6.40
1000
37.0
11.3
0.061
P4SMA8.2C
7.38
9.02
10
6.63
400
33.0
12.5
0.065
P4SMA8.2CA
7.79
8.61
10
7.02
400
35.0
12.1
0.065
P4SMA9.1C
8.19
10.0
1.0
7.37
100
30.0
13.8
0.068
P4SMA9.1CA
8.65
9.55
1.0
7.78
100
31.0
13.4
0.068
P4SMA10C
9.00
11.0
1.0
8.10
20
28.0
15.0
0.073
P4SMA10CA
9.50
10.5
1.0
8.55
20
29.0
14.5
0.073
P4SMA11C
9.90
12.1
1.0
8.92
10
26.0
16.2
0.075
P4SMA11CA
10.5
11.6
1.0
9.40
10
27.0
15.6
0.075
P4SMA12C
10.8
13.2
1.0
9.72
5.0
24.0
17.3
0.078
P4SMA12CA
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
P4SMA13C
11.7
14.3
1.0
10.5
5.0
22.0
19.0
0.081
P4SMA13CA
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
P4SMA15C
13.5
16.5
1.0
12.1
5.0
19.0
22.0
0.084
P4SMA15CA
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
P4SMA16C
14.4
17.6
1.0
12.9
5.0
18.0
23.5
0.086
P4SMA16CA
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
P4SMA17C
15.3
18.7
1.0
13.7
5.0
17.0
25.0
0.087
P4SMA17CA
16.2
17.9
1.0
14.5
5.0
18.0
24.0
0.087
P4SMA18C
16.2
19.8
1.0
14.5
5.0
16.0
26.5
0.088
P4SMA18CA
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
P4SMA20C
18.0
22.0
1.0
16.2
5.0
14.0
29.1
0.090
P4SMA20CA
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090
P4SMA22C
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
P4SMA22CA
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
P4SMA24C
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
P4SMA24CA
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
P4SMA27C
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
P4SMA27CA
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
P4SMA30C
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
P4SMA30CA
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
P4SMA33C
29.7
36.3
1.0
26.8
5.0
9.0
47.7
0.098
P4SMA33CA
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4SMA36C
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
P4SMA36CA
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4SMA39C
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4SMA39CA
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
P4SMA43C
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
P4SMA43CA
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
P4SMA47C
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4SMA47CA
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
P4SMA51C
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4SMA51CA
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4SMA56C
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4SMA56CA
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103


Similar Part No. - P4SMA160CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA160CA WTE-P4SMA160CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
P4SMA160CA LITTELFUSE-P4SMA160CA Datasheet
1Mb / 6P
   P4SMA Series
logo
Taiwan Semiconductor Co...
P4SMA160CA TSC-P4SMA160CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Bourns Electronic Solut...
P4SMA160CA BOURNS-P4SMA160CA Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Littelfuse
P4SMA160CA LITTELFUSE-P4SMA160CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results

Similar Description - P4SMA160CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com