Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1WS866 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # N1WS866
Description  Armoire murale en acier doux de type 1, trois pieces
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

N1WS866 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  N1WS866 Datasheet HTML 1Page - Hammond Manufacturing Ltd. N1WS866 Datasheet HTML 2Page - Hammond Manufacturing Ltd. N1WS866 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part No.
Wrapper Size
Mounting Centers
Overall Dimensions
Ship Wt.
A
B
C
D
E
P
R
S
T
O
Lbs
N1WS864
4” Deep
8.00
6.00
4.00
8.75
5.00
6.28
4.16
9.50
3.50
8.28
5
N1WS1084
10.00
8.00
4.00
10.80
7.00
8.28
4.16
11.50
4.00
10.28
7
N1WS12104
12.00
10.00
4.00
12.80
9.00
10.28
4.16
13.50
4.00
12.28
10
N1WS16124
16.00
12.00
4.00
16.80
11.00
12.28
4.16
17.50
4.00
16.28
14
N1WS20164
20.00
16.00
4.00
20.80
15.00
16.28
4.16
21.50
4.00
20.28
20
N1WS24204
24.00
20.00
4.00
24.80
19.00
20.28
4.16
25.50
4.00
24.28
28
N1WS866
6” Deep
8.00
6.00
6.00
8.80
5.00
6.28
6.16
9.50
6.00
8.28
6
N1WS1086
10.00
8.00
6.00
10.80
7.00
8.28
6.16
11.50
6.00
10.28
9
N1WS12106
12.00
10.00
6.00
12.80
9.00
10.28
6.16
13.50
6.00
12.28
11
N1WS16126
16.00
12.00
6.00
16.80
11.00
12.28
6.16
17.50
6.00
16.28
16
N1WS20166
20.00
16.00
6.00
20.80
15.00
16.28
6.16
21.50
6.00
20.28
22
N1WS24206
24.00
20.00
6.00
24.80
19.00
20.28
6.16
25.50
6.00
24.28
31
N1WS868
8” Deep
8.00
6.00
8.00
8.80
5.00
6.28
8.16
9.50
8.00
8.28
7
N1WS1088
10.00
8.00
8.00
10.80
7.00
8.28
8.16
11.50
8.00
10.28
10
N1WS12108
12.00
10.00
8.00
12.80
9.00
10.28
8.16
13.50
8.00
12.28
13
N1WS16128
16.00
12.00
8.00
16.80
11.00
12.28
8.16
17.50
8.00
16.28
18
N1WS20168
20.00
16.00
8.00
20.80
15.00
16.28
8.16
21.50
8.00
20.28
26
N1WS24208
24.00
20.00
8.00
24.80
19.00
20.28
8.16
25.50
8.00
24.28
34
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - N1WS866

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
N1WS866 HAMMOND-N1WS866 Datasheet
151Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - N1WS866

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
N1WF HAMMOND-N1WF Datasheet
144Kb / 2P
   Armoire encastree en acier doux de type 1, trois pieces
N1A HAMMOND-N1A Datasheet
115Kb / 3P
   Armoire murale en acier doux de type 1
1420 HAMMOND-1420 Datasheet
148Kb / 3P
   Armoire murale en acier doux de type 1
EN4SD HAMMOND-EN4SD Datasheet
273Kb / 6P
   Armoire murale en acier doux de type 4
1418N4 HAMMOND-1418N4 Datasheet
180Kb / 3P
   Armoire murale en acier doux de type 4
N1J HAMMOND-N1J Datasheet
98Kb / 2P
   Petite armoire murale en acier doux de type 1
1418 HAMMOND-1418 Datasheet
218Kb / 4P
   Armoire murale en acier doux de type 12
1418J HAMMOND-1418J Datasheet
209Kb / 3P
   Armoire murale en acier doux de type 12
EN4SDW HAMMOND-EN4SDW Datasheet
107Kb / 3P
   Armoire murale en acier doux de type 4 avec regard
EN4TD HAMMOND-EN4TD Datasheet
151Kb / 3P
   Armoire murale a 2 portes en acier doux de type 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com