Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3T-FL232M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3T-FL232M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FL232M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3T-FL232M Datasheet HTML 2Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 3Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 4Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 5Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 6Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 7Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 8Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 9Page - Omron Electronics LLC E3T-FL232M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
E3T
Ratings and Specifications
*1.Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. Only the Instruction Manual is included with an M3-mounting Sensor (E3T-ST@@M). Order the Set of Mounting Screws separately if required.
Sensing method
Through-beam
Retro-reflective (without M.S.R. function)
Appearance
Item
Rectangular type (Side-view)
Rectangular type (Flat)
Cylindrical
type
(Top-view)
Cylindrical
type
(Side-view)
Rectangular type
(Side-view)
NPN
output
Light-ON
E3T-ST31
E3T-ST11
E3T-ST11M
E3T-ST21
E3T-ST21M
E3T-FT11
E3T-FT21
---
---
E3T-SR41
Dark-ON
E3T-ST32
E3T-ST12
E3T-ST12M
E3T-ST22
E3T-ST22M
E3T-FT12
E3T-FT22
E3T-CT12
E3T-CT22S
E3T-SR42
PNP
output
Light-ON
E3T-ST33
E3T-ST13
E3T-ST13M
E3T-ST23
E3T-ST23M
E3T-FT13
E3T-FT23
---
---
E3T-SR43
Dark-ON
E3T-ST34
E3T-ST14
E3T-ST14M
E3T-ST24
E3T-ST24M
E3T-FT14
E3T-FT24
E3T-CT14
E3T-CT24S
E3T-SR44
Sensing distance
2 m
1 m
300 mm
500 mm
300 mm
1 m
500 mm
200 mm [30 mm] *1 (Using the E39-R4)
100 mm [10 mm] *1 (Using the E39-R37-
CA)
Standard sensing object
Opaque, 3-
mm dia.
min.
Opaque, 2-mm dia. min.
Opaque, 1.3-mm dia. min.
Opaque, 4-
mm dia. min.
Opaque, 5-
mm dia. min.
Opaque, 27-mm dia. min.
Minimum detectable object
(typical)
Opaque, 3-
mm dia.
Opaque, 2-mm dia.
Opaque, 1.3-mm dia.
---
2-mm dia. (Sensing distance 100 mm)
Hysteresis (white paper)
---
Black/white error
---
Directional angle
Emitter: 2 to 20
°
Receiver: 2 to 70
°
Emitter: 3 to 25
°
Receiver: 3
° min.
Receiver: 2
°
Receiver: 10
° 2 to 20°
Light source (wavelength)
Red LED (650 nm)
Red LED
(630 nm)
Red LED
(625 nm)
Red LED (650 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
30 mA max. (Emitter 10 mA max., Receiver 20 mA max.)
30 mA max. (Emitter 15 mA
max., Receiver 15 mA max.)
20 mA max.
Control output
Load power supply voltage: 26.4 VDC max.
Load current: 50 mA max. (residual voltage: 2 V max. for load current of
10 to 50 mA, 1 V max. for load current of less than 10 mA)
Open-collector output
Load power supply voltage:
30 VDC max.
Load current: 80 mA max.
(residual voltage: 1 V max.)
Open-collector output
Load power supply voltage: 26.4 VDC
max.
Load current: 50 mA max. (residual volt-
age: 2 V max. for load current of 10 to 50
mA, 1 V max. for load current of less
than 10 mA)
Open-collector output
Protection circuits
Power supply and control output reverse polarity protection,
Output short-circuit protection
Power supply reverse polarity
protection,
Output short-circuit protection
Power supply and control output reverse
polarity protection, Output short-circuit
protection,
Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Operate or reset: 0.5 ms max.
Operate or reset: 1 ms max.
Ambient illumination
Incandescent lamp: 5,000 lx max., Sunlight: 10,000 lx max.
Incandescent lamp: 3,000 lx
max.
Incandescent lamp: 5,000 lx max., Sun-
light: 10,000 lx max.
Ambient temperature
range
Operating:
−25 to +55°C
Storage:
−40 to +70°C
(with no icing or condensation)
Operating:
−25 to +55°C
Storage:
−30 to +70°C
(with no icing or condensa-
tion)
Operating:
−25 to +55°C
Storage:
−40 to +70°C
(with no icing or condensation)
Ambient humidity range
Operating: 35% to +85%
Storage: 35% to +95%
(with no condensation)
Operating or Storage: 35% to
+85% (with no condensation)
Operating: 35% to +85%
Storage: 35% to +95%
(with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
AC1,000V, 50/60 Hz for 1 min.
AC500V, 50/60 Hz for 1 min.
AC1,000V, 50/60 Hz for 1 min.
Vibration resistance
(destruction)
10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hours each
in X, Y, and Z directions
10 to 55Hz, 1.5-mm double
amplitude for 2 hours each in
X, Y, and Z directions
10 to 2,000 Hz, 1.5-mm double ampli-
tude or 300 m/s2 for 0.5 hours each in X,
Y, and Z directions
Shock resistance
(destruction)
1,000 m/s2 3 times each in X, Y, and Z directions
500 m/s2 3 times each in X, Y,
and Z directions
1,000m/s2 3 times each in X, Y, and Z di-
rections
Degree of protection
IP67 (IEC 60529)
IP65 (IEC 60529)
IP67 (IEC 60529)
Connection method
Pre-wired (standard length: 2 m)
Weight (packed state)
Approx. 40 g
Approx. 60 g
Approx. 20 g
Materi-
als
Case
PBT (polybutylene terephthalate)
SUS303
PBT (polybutylene terephthalate)
Display window
Denatured polyarylate
Polysulfone
Denatured polyarylate
Lens
Denatured polyarylate
Polysulfone
Methacrylc resin
Hexagonal nuts
---
SUS303
---
Toothed wash-
ers
---
SUS303
---
Accessories *2
Instruction manual, Phillips screws (Side-view Sensors: M2
× 14, Flat
Sensors: M2
× 8), Nuts, Spring washers, Flat washers *2
Instruction manual, Hexago-
nal nuts, Toothed washers
Instruction manual, Phillips screws
(M2
×14),
Nuts, Spring washers, Flat washers,
E39-R4 (E3T-SR4
@ only),
E39-R37-CA (E3T-SR4
@-S only)


Similar Part No. - E3T-FL232M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FL232M OMRON-E3T-FL232M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
More results

Similar Description - E3T-FL232M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com