Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4885 Datasheet(PDF) 6 Page - NEC

Part # 2SC4885
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4885 Datasheet(HTML) 6 Page - NEC

Back Button 2SC4885 Datasheet HTML 2Page - NEC 2SC4885 Datasheet HTML 3Page - NEC 2SC4885 Datasheet HTML 4Page - NEC 2SC4885 Datasheet HTML 5Page - NEC 2SC4885 Datasheet HTML 6Page - NEC 2SC4885 Datasheet HTML 7Page - NEC 2SC4885 Datasheet HTML 8Page - NEC 2SC4885 Datasheet HTML 9Page - NEC 2SC4885 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
2SC4885
S-PARAMETER
(VCE = 3 V, IC = 3 mA, ZO = 50
)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
.880
.800
.720
.628
.567
.521
.488
.467
.453
.444
.439
.434
.432
.432
.434
.436
.440
.442
.445
.447
.453
.457
.462
.466
.470
.474
.479
.483
.487
.489
24.7
47.6
67.8
89.8
106.7
121.1
133.7
143.5
152.5
160.4
166.9
173.2
178.8
176.0
171.0
166.4
161.7
158.0
154.0
150.0
146.6
143.3
139.8
136.7
133.5
130.6
127.4
124.7
121.8
119.0
5.495
5.185
4.623
4.411
3.961
3.544
3.211
2.895
2.636
2.431
2.244
2.085
1.951
1.836
1.733
1.646
1.568
1.498
1.431
1.381
1.324
1.275
1.236
1.193
1.156
1.123
1.093
1.067
1.036
1.009
155.5
139.2
125.7
113.5
104.0
95.9
88.8
83.0
77.6
72.9
68.5
64.6
60.5
56.9
53.3
49.8
46.5
43.5
40.7
37.7
34.8
32.0
29.3
26.9
24.5
22.1
19.9
17.6
15.5
13.5
.038
.067
.085
.095
.103
.109
.114
.119
.124
.131
.136
.142
.147
.154
.161
.168
.177
.185
.194
.204
.213
.224
.234
.244
.256
.266
.278
.290
.302
.316
71.6
59.3
50.5
46.1
43.3
41.9
41.1
41.3
41.6
42.4
43.2
44.1
44.5
45.7
46.0
46.7
47.1
47.5
47.8
48.1
47.9
47.7
47.6
47.4
46.8
46.6
45.7
44.8
44.2
43.4
.943
.827
.724
.640
.583
.539
.509
.486
.468
.456
.447
.437
.429
.425
.419
.418
.412
.413
.410
.408
.407
.404
.404
.405
.406
.408
.406
.409
.411
.411
15.4
26.6
33.9
37.9
40.7
42.8
44.8
46.5
48.4
50.4
52.3
54.3
56.8
59.0
61.8
64.2
67.2
70.0
73.0
76.1
79.1
82.5
85.5
88.8
92.1
95.5
99.0
102.2
105.4
109.0
(VCE = 3 V, IC = 1 mA, ZO = 50
)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
.958
.930
.885
.829
.784
.734
.687
.654
.619
.595
.579
.561
.552
.541
.540
.535
.532
.533
.535
.533
.538
.539
.543
.545
.548
.551
.554
.556
.560
.561
15.9
31.7
46.3
62.1
75.4
89.0
102.2
112.7
123.6
132.7
141.4
149.6
156.3
163.5
169.8
175.7
178.4
173.2
168.3
163.2
158.8
154.5
150.0
146.1
142.2
138.4
134.7
131.3
127.6
124.1
1.956
1.926
1.817
1.875
1.763
1.710
1.675
1.565
1.509
1.435
1.356
1.300
1.225
1.178
1.124
1.076
1.036
.988
.951
.923
.887
.858
.832
.803
.779
.759
.738
.722
.700
.682
162.3
148.8
136.3
125.5
116.0
106.9
98.3
90.9
84.0
78.1
72.3
67.0
62.1
57.7
53.5
49.4
45.7
42.3
39.1
36.0
33.0
30.0
27.5
25.2
23.0
20.8
18.9
17.3
15.6
14.1
.041
.078
.109
.129
.144
.154
.160
.164
.165
.165
.165
.163
.161
.160
.159
.158
.157
.157
.160
.164
.169
.175
.184
.193
.203
.215
.229
.241
.257
.271
78.7
66.6
56.9
49.0
42.6
37.3
33.2
29.8
27.0
25.8
24.4
24.0
23.7
24.1
25.6
27.0
28.7
30.7
33.0
35.6
38.1
40.2
42.4
43.8
45.4
46.4
47.1
47.5
47.5
47.5
.985
.945
.898
.844
.800
.757
.725
.698
.677
.658
.648
.634
.624
.615
.609
.605
.601
.599
.596
.592
.590
.585
.587
.586
.587
.587
.585
.584
.586
.584
8.5
16.1
22.7
28.0
32.1
35.8
39.0
41.9
44.8
47.4
50.1
52.6
55.5
58.3
61.3
64.2
67.2
70.3
73.6
76.9
80.3
83.9
87.1
90.7
94.1
97.8
101.4
105.0
108.6
112.5


Similar Part No. - 2SC4885

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4885 RENESAS-2SC4885 Datasheet
201Kb / 14P
   SILICON TRANSISTOR
1993
More results

Similar Description - 2SC4885

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com