Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-FB190SA10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-FB190SA10
Description  Power MOSFET, 190 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FB190SA10 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-FB190SA10 Datasheet HTML 1Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 2Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 3Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 4Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 5Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 6Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 7Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 8Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93459
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 12-Apr-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET, 190 A
VS-FB190SA10
Vishay Semiconductors
FEATURES
• Fully isolated package
• Very low on-resistance
• Fully avalanche rated
• Dynamic dV/dt rating
• Low drain to case capacitance
• Low internal inductance
• Optimized for SMPS applications
• Easy to use and parallel
• Industry standard outline
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
High current density power MOSFETs are paralleled into a
compact,
high
power
module
providing
the
best
combination of switching, ruggedized design, very low
on-resistance and cost effectiveness.
The isolated SOT-227 package is preferred for all
commercial-industrial applications at power dissipation
levels to approximately higher than 500 W. The low thermal
resistance and easy connection to the SOT-227 package
contribute to its universal acceptance throughout the
industry.
Notes
(1) Repetitive rating; pulse width limited by maximum junction temperature.
(2) Starting TJ = 25 °C, L = 43 μH, Rg = 25 , IAS = 180 A.
(3) ISD  180 A, dI/dt  83 A/μs, VDD  V(BR)DSS, TJ  150 °C.
PRODUCT SUMMARY
VDSS
100 V
ID DC
190 A
RDS(on)
0.0065
Type
Modules - MOSFET
Package
SOT-227
SOT-227
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Continuous drain current at VGS 10 V
ID
TC = 40 °C
190
A
TC = 100 °C
130
Pulsed drain current
IDM
720
Power dissipation
PD
TC = 25 °C
568
W
Linear derating factor
2.7
W/°C
Gate to source voltage
VGS
± 20
V
Single pulse avalanche energy
EAS (2)
700
mJ
Avalanche current
IAR (1)
180
A
Repetitive avalanche energy
EAR (1)
48
mJ
Peak diode recovery dV/dt
dV/dt (3)
5.7
V/ns
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
Insulation withstand voltage (AC-RMS)
VISO
2.5
kV
Mounting torque
M4 screw
1.3
Nm


Similar Part No. - VS-FB190SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
Revision: 08-Aug-13
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
More results

Similar Description - VS-FB190SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FB190SA10 VISHAY-FB190SA10 Datasheet
185Kb / 9P
   Power MOSFET, 190 A
Revision: 12-Apr-11
logo
ON Semiconductor
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVB190N65S3F ONSEMI-NVB190N65S3F Datasheet
259Kb / 9P
   MOSFET - Power 650 V, 190 m, 20 A, Single N-Channel, D2PAK
June, 2019 ??Rev. 0
NTMT190N65S3H ONSEMI-NTMT190N65S3H Datasheet
417Kb / 10P
   MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
March, 2021-Rev. 2
NTHL190N65S3HF ONSEMI-NTHL190N65S3HF Datasheet
519Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 1
NVBG190N65S3F ONSEMI-NVBG190N65S3F Datasheet
236Kb / 10P
   MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 190 m, 20 A
May, 2022 - Rev. 0
NTPF190N65S3H ONSEMI-NTPF190N65S3H Datasheet
216Kb / 10P
   MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
December, 2020-Rev. 0
NTPF190N65S3HF ONSEMI-NTPF190N65S3HF Datasheet
390Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 2
logo
Vishay Siliconix
SIA850DJ VISHAY-SIA850DJ Datasheet
116Kb / 9P
   N-Channel 190-V (D-S) MOSFET with 190-V Diode
Rev. B, 02-Feb-09
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
   ÖLFLEX® 190 & 190 CY
January 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com