Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-1N1186 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VS-1N1186
Description  Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-1N1186 Datasheet(HTML) 9 Page - Vishay Siliconix

  VS-1N1186 Datasheet HTML 1Page - Vishay Siliconix VS-1N1186 Datasheet HTML 2Page - Vishay Siliconix VS-1N1186 Datasheet HTML 3Page - Vishay Siliconix VS-1N1186 Datasheet HTML 4Page - Vishay Siliconix VS-1N1186 Datasheet HTML 5Page - Vishay Siliconix VS-1N1186 Datasheet HTML 6Page - Vishay Siliconix VS-1N1186 Datasheet HTML 7Page - Vishay Siliconix VS-1N1186 Datasheet HTML 8Page - Vishay Siliconix VS-1N1186 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Vishay:
VS-1N1184A VS-1N1188A VS-1N1190RA VS-1N2133RA VS-1N2137A VS-1N3765 VS-1N2138A VS-1N3768R
VS-1N2131RA VS-1N2128A VS-1N2129A VS-1N2135RA VS-1N3767 VS-1N1184 VS-1N1185 VS-1N1186A VS-
1N1188 VS-1N1188R VS-1N1189R VS-1N1189A VS-1N1190A VS-1N1183A VS-1N1188RA VS-1N1183 VS-
1N1184R VS-1N1184RA VS-1N1186RA VS-1N2129RA VS-1N2130RA VS-1N2131A VS-1N3766 VS-1N3766R
VS-1N3768 VS-1N1187R VS-1N2128RA VS-1N1190R VS-1N1189 VS-1N1190 VS-1N1189RA VS-1N1183R VS-
1N1186 VS-1N1186R VS-1N1187 VS-1N2138RA VS-1N1187A VS-1N2135A VS-1N1183RA VS-1N1185R VS-
1N2130A VS-1N1185A VS-1N2133A VS-1N1187RA


Similar Part No. - VS-1N1186

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N1186A VISHAY-VS-1N1186A Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
More results

Similar Description - VS-1N1186

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com