Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V5.5MLA0603LN4 Datasheet(PDF) 7 Page - Littelfuse

Part # V5.5MLA0603LN4
Description  Surface Mount Multilayer Varistors (MLVs) > MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLA0603LN4 Datasheet(HTML) 7 Page - Littelfuse

  V5.5MLA0603LN4 Datasheet HTML 1Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 2Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 3Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 4Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 5Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 6Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 7Page - Littelfuse V5.5MLA0603LN4 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 Littelfuse, Inc.
45
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Product Dimensions (mm)
NOTE:Avoidmetalrunsinthisarea,partsnotrecommendedforuseinapplicationsusing
Silver (Ag) epoxy paste.
PADLAyOUTDIMENSIONS
C
B
A
NOTE: Avoid metal runs in this area.
Parts not recommended for use in
applications using silver epoxy paste.
NOTE
CHIPLAyOUTDIMENSIONS
E
L
W
D
Dimension
1210 Size
1206 Size
0805 Size
0603 Size
0402 Size
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
A
0.160
4.06
0.160
4.06
0.120
3.05
0.100
2.54
0.067
1.70
B
0.100
2.54
0.065
1.65
0.050
1.27
0.030
0.76
0.020
0.51
C
0.040
1.02
0.040
1.02
0.040
1.02
0.035
0.89
0.024
0.61
D (max.)
0.113
2.87
0.071
1.80
0.043
1.10
0.040
1.00
0.024
0.60
E
0.020
-/+0.010
0.50
-/+0.25
0.020
-/+0.010
0.50
-/+0.25
0.020-/+
0.010
0.50-/+
0.25
0.015
-/+0.008
0.4
-/+0.20
0.010
-/+0.006
0.25
-/+0.15
L
0.125
-/+0.012
3.20
-/+0.30
0.125
-/+0.012
3.20
-/+0.30
0.079
-/+0.008
2.01
-/+0.20
0.063
-/+0.006
1.6
-/+0.15
0.039
-/+0.004
1.00
-/+0.10
W
0.100
-/+0.012
2.54
-/+0.30
0.060
-/+0.011
1.60
-/+0.28
0.049
-/+0.008
1.25
-/+0.20
0.032
-/+0.060
0.8
-/+0.15
0.020
-/+0.004
0.50
-/+0.10
Part Numbering System
V181206
PACKING OPTIONS (see Packaging table for quantities)
DEVICE SIZE:
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLA
X X
CAPACITANCE OPTION
No Letter:Standard
:
L: Low Capacitance Version
END TERMINATION OPTION
MULTILAYER SERIES
DESIGNATOR
N or No Letter: Nickel Barrier Option
(Matte Tin outer surface, plated on Nickel underlayer
plated on silver base metal)
T: 13in (330mm) Diameter Reel, Plastic Carrier Tape
H: 7in (178mm) Diameter Reel, Plastic Carrier Tape
R: 7in (178mm) Diameter Reel, Paper Carrier Tape
A: Bulk Pack
0201 = .024 inch x .012 inch (0.6 mm x 0.3 mm)
0402 = .04 inch x .02 inch (1.0 mm x 0.5 mm)
0603 = .063 inch x .031 inch (1.6 mm x 0.8 mm)
0805 = .08 inch x .08 inch (2.0 mm x 1.25 mm)
1206 = .126 inch x .063 inch (3.2 mm x 1.6 mm)
1210 = .126 inch x .1 inch (3.2 mm x 2.5 mm)
Packaging*
Device Size
Quantity
13” Inch Reel
("T" Option)
7” Inch Reel
("H" Option)
7” Inch Reel
("R" Option)
Bulk Pack
("A" Option)
1210
8,000
2,000
N/A
2,000
1206
10,000
2,500
N/A
2,500
0805
10,000
2,500
N/A
2,500
0603
10,000
2,500
4,000
2,500
0402
N/A
N/A
10,000
N/A
*(Packaging)Itisrecommendedthatpartsbekeptinthesealedbagprovidedandthatpartsbeusedassoonaspossiblewhenremovedfrombags.
*NOTES:
1V120MLA1210standardshippingquantitiesare1000piecesperreelforthe"H"optionand4000piecesperreelfor"T"option.
2V3.5MLA0603,V5.5MLA0603andV9MLA0603onlyavailablein"H,""T"and"A"packingoptions.


Similar Part No. - V5.5MLA0603LN4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0603LN4 LITTELFUSE-V5.5MLA0603LN4 Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0603LN4 LITTELFUSE-V5.5MLA0603LN4 Datasheet
380Kb / 8P
   Varistor Products
V5.5MLA0603LN4 LITTELFUSE-V5.5MLA0603LN4 Datasheet
466Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
V5.5MLA0603LN4 LITTELFUSE-V5.5MLA0603LN4 Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0603LN4 LITTELFUSE-V5.5MLA0603LN4 Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V5.5MLA0603LN4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V60MLA1210NH LITTELFUSE-V60MLA1210NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com