Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS36MA Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS36MA
Description  SWITCHMODE SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS36MA Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS36MA Datasheet HTML 1Page - Bruckewell Technology LTD SS36MA Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Data Sheet
Bruckewell Technology Corp., Ltd.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS34MA
Unit
Maximum repetitive peak reverse voltage
VRRM
60
V
Working peak reverse voltage
VRWM
48
V
Maximum DC blocking voltage
VDC
40
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
80
A
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
20
m'J
Operating junction temperature range
TJ
-50 to +150
°C
Storage temperature range
TSTG
-50 to +150
°C
NOTE:
Mounted on 2” Square PC Board with 1” Square Total Pad Size, PC Board FR4.
Electrical characteristics (Tc=25°C unless otherwise noted)
Value
Unit
Parameter
Symbol
Typical
Max
Instantaneous forward voltage
at IF=3A, Tj=25°C
0.57
0.60
at IF=3A, Tj=125°C
VF
0.50
V
Maximum reverse current
at Tj=25°C
300
u'A
at working peak reverse voltage Tj=125°C
IR
20
m'A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Symbol
SS36MA
RθJL
15
Typical thermal resistance
Rthja
80
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - SS36MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS36 ZOWIE-SS36 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS36 DGNJDZ-SS36 Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS36 FORMOSA-SS36 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS36 YFWDIODE-SS36 Datasheet
493Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
logo
Yangzhou yangjie electr...
SS36 YANGJIE-SS36 Datasheet
768Kb / 2P
   3.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS36MA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS053D BWTECH-SS053D Datasheet
196Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS052D BWTECH-SS052D Datasheet
194Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS34MA BWTECH-SS34MA Datasheet
234Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS34MA_SS34DA BWTECH-SS34MA_SS34DA Datasheet
234Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS54A BWTECH-SS54A Datasheet
411Kb / 4P
   SWITCHMODE SCHOTTKY RECTIFIER
logo
ON Semiconductor
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
   SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com